Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 34 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6763F Datasheet(HTML) 34 Page - Texas Instruments

Back Button ISO6763F Datasheet HTML 30Page - Texas Instruments ISO6763F Datasheet HTML 31Page - Texas Instruments ISO6763F Datasheet HTML 32Page - Texas Instruments ISO6763F Datasheet HTML 33Page - Texas Instruments ISO6763F Datasheet HTML 34Page - Texas Instruments ISO6763F Datasheet HTML 35Page - Texas Instruments ISO6763F Datasheet HTML 36Page - Texas Instruments ISO6763F Datasheet HTML 37Page - Texas Instruments ISO6763F Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
DUT
Vcc 2
Vcc 1
GND 1
GND 2
A
Ovenat150°C
TimeCounter
> 1 mA
V
S
Figure 9-7. Test Setup for Insulation Lifetime Measurement
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
200
1200
2200
3200
4200
5200
6200
50 %
Applied Voltage (VRMS)
54 Yrs
36 Yrs
Operating Zone
VDE Safety
Margin Zone
TDDB Line (<1 ppm Fail Rate)
20%
Working Isolation Volatage = 1500 VRMS
up to 150°C
Protected Insulation Lifetime = 36 Years
Applied Voltage Frequency = 60 Hz
Figure 9-8. Insulation Lifetime Projection Data
10 Power Supply Recommendations
To help ensure reliable operation at data rates and supply voltages, a 0.1-μF bypass capacitor is recommended
at the input and output supply pins (VCC1 and VCC2). The capacitors should be placed as close to the supply
pins as possible. If only a single primary-side power supply is available in an application, isolated power
can be generated for the secondary-side with the help of a transformer driver. For industrial applications,
please use Texas Instruments' SN6501 or SN6505B. For such applications, detailed power supply design and
transformer selection recommendations are available in SN6501 Transformer Driver for Isolated Power Supplies
or SN6505B-Q1 Low-noise, 1-A Transformer Drivers for Isolated Power Supplies.
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com