Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6763F Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO6763F Datasheet HTML 6Page - Texas Instruments ISO6763F Datasheet HTML 7Page - Texas Instruments ISO6763F Datasheet HTML 8Page - Texas Instruments ISO6763F Datasheet HTML 9Page - Texas Instruments ISO6763F Datasheet HTML 10Page - Texas Instruments ISO6763F Datasheet HTML 11Page - Texas Instruments ISO6763F Datasheet HTML 12Page - Texas Instruments ISO6763F Datasheet HTML 13Page - Texas Instruments ISO6763F Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
EN IEC 60747-17 (VDE
0884-17)
Certified according to IEC
62368-1, IEC 61010-1 and
IEC 60601
Certified according to
UL 1577 Component
Recognition Program
Certified according to GB
4943.1
Certified according to EN
61010-1 and EN 62368-1
Maximum transient
isolation voltage, 7071
VPK;
Maximum repetitive peak
isolation voltage, 2121
VPK;
Maximum surge isolation
voltage,
10000 VPK
600 VRMS reinforced
insulation per CSA
62368-1 and IEC 62368-1;
600 VRMS reinforced
insulation per CSA
61010-1 and IEC 61010-1
(pollution degree 2,
material group I);
2 MOPP (Means of
Patient Protection) per
CSA 60601-1 and IEC
60601-1, 250 VRMS max
working voltage
Single protection,
5000 VRMS
Reinforced insulation,
Altitude ≤ 5000 m, Tropical
Climate,
700 VRMS maximum
working voltage
5000 VRMS reinforced
insulation per EN 61010-1
and EN 62368-1 up to
working voltage of 600
VRMS
Certificate number:
40040142
Master contract number:
220991
File number: E181974
Certificate number:
CQC21001304083
Client ID number: 077311
6.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply current (1)
RθJA =68.8°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C
330
mA
RθJA = 68.8°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C
504
mA
RθJA = 68.8°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C
660
mA
RθJA = 68.8°C/W, VI = 1.89 V, TJ = 150°C,
TA = 25°C
956
mA
PS
Safety input, output, or total power (1)
RθJA = 68.8°C/W, TJ = 150°C, TA = 25°C
1820
mW
TS
Maximum safety temperature (1)
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com