Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6763F Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO6763F Datasheet HTML 8Page - Texas Instruments ISO6763F Datasheet HTML 9Page - Texas Instruments ISO6763F Datasheet HTML 10Page - Texas Instruments ISO6763F Datasheet HTML 11Page - Texas Instruments ISO6763F Datasheet HTML 12Page - Texas Instruments ISO6763F Datasheet HTML 13Page - Texas Instruments ISO6763F Datasheet HTML 14Page - Texas Instruments ISO6763F Datasheet HTML 15Page - Texas Instruments ISO6763F Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted).
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
Supply current - DC signal
VI = VCC1 (ISO6762); VI = 0 V (ISO6762 with F suffix)
ICC1
2.7
4.1
mA
ICC2
3.3
5.2
VI = 0 V (ISO6762); VI = VCC1 (ISO6762 with F suffix)
ICC1
6.9
9.7
ICC2
5.6
8.3
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
5
7
ICC2
4.7
7
10 Mbps
ICC1
6.2
8.4
ICC2
7
9.6
50 Mbps
ICC1
11.7
14.6
ICC2
17.2
21.1
ISO6763
Supply current - DC signal
VI = VCCI (ISO6763); VI = 0 V (ISO6763 with F suffix)
ICC1, ICC2
3
4.7
mA
VI = 0 V (ISO6763); VI = VCCI (ISO6763 with F suffix)
ICC1, ICC2
6.3
9
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1, ICC2
4.8
7
10 Mbps
ICC1, ICC2
6.6
9
50 Mbps
ICC1, ICC2
14.4
17.8
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com