Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 33 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6763F Datasheet(HTML) 33 Page - Texas Instruments

Back Button ISO6763F Datasheet HTML 29Page - Texas Instruments ISO6763F Datasheet HTML 30Page - Texas Instruments ISO6763F Datasheet HTML 31Page - Texas Instruments ISO6763F Datasheet HTML 32Page - Texas Instruments ISO6763F Datasheet HTML 33Page - Texas Instruments ISO6763F Datasheet HTML 34Page - Texas Instruments ISO6763F Datasheet HTML 35Page - Texas Instruments ISO6763F Datasheet HTML 36Page - Texas Instruments ISO6763F Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
9.2.3 Application Curve
The following typical eye diagrams of the ISO676x family of devices indicates low jitter and wide open eye at the
maximum data rate of 50 Mbps.
Time = 5 ns / div
Figure 9-3. Eye Diagram at 50 Mbps PRBS 216 – 1,
5 V and 25°C
Time = 5 ns / div
Figure 9-4. Eye Diagram at 50 Mbps PRBS 216 – 1,
3.3 V and 25°C
Time = 5 ns / div
Figure 9-5. Eye Diagram at 50 Mbps PRBS 216 – 1,
2.5 V and 25°C
Time = 5 ns / div
Figure 9-6. Eye Diagram at 50 Mbps PRBS 216 – 1,
1.8 V and 25°C
9.2.3.1 Insulation Lifetime
Insulation lifetime projection data is collected by using industry-standard Time Dependent Dielectric Breakdown
(TDDB) test method. In this test, all pins on each side of the barrier are tied together creating a two-terminal
device and high voltage applied between the two sides; See Figure 9-7 for TDDB test setup. The insulation
breakdown data is collected at various high voltages switching at 60 Hz over temperature. For reinforced
insulation, VDE standard requires the use of TDDB projection line with failure rate of less than 1 part per million
(ppm). Even though the expected minimum insulation lifetime is 20 years at the specified working isolation
voltage, VDE reinforced certification requires additional safety margin of 20% for working voltage and 50% for
lifetime which translates into minimum required insulation lifetime of 30 years at a working voltage that's 20%
higher than the specified value.
Figure 9-8 shows the intrinsic capability of the isolation barrier to withstand high voltage stress over its lifetime.
Based on the TDDB data, the intrinsic capability of the insulation is 1500 VRMS with a lifetime of 36 years. Other
factors, such as package size, pollution degree, material group, etc. can further limit the working voltage of the
component. The working voltage of DW-16 package is specified upto 1500 VRMS. At the lower working voltages,
the corresponding insulation lifetime is much longer than 36 years.
www.ti.com
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0E – AUGUST 2021 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com