Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
• IRDSON is the ILIM pin current in RDS-ON mode
• RS is the resistance of the current-sensing shunt element
• IRS is the ILIM pin current in RSENSE mode
Given the large voltage swings of ILIM in RDS(on) sensing mode, a capacitor designated CILIM connected from
ILIM to PGND is essential to the operation of the valley current limit circuit. Choose this capacitance such that
the time constant RILIM· CILIM is approximately 6 ns.
GND
LF
COUT
Q1
Q2
S
Q
Q
R
VIN
VOUT
Gate
Driver
RILIM
CILIM
S
Q
Q
R
PWML
ValleyPWM
ILIM
comparator
PWM
Latch
COMP
Clamp
Modulator
300 mV
IRAMP
VRAMP
+
CLK
PWM Comp
VCLAMP
PWM Aux
+
+
VREF
Error Amp
+
IRDSON(TJ)
PGND
ILIM
LO
HO
FB
COMP
+
±
SW
Figure 8-10. OCP Setpoint Defined by Current Source IRDSON and Resistor RILIM in RDS-ON Mode
Note that current sensing with a shunt component is typically implemented at lower output current levels
to provide accurate overcurrent protection. Burdened by the unavoidable efficiency penalty, PCB layout, and
additional cost implications, this configuration is not usually implemented in high-current applications (except
where OCP setpoint accuracy and stability over the operating temperature range are critical specifications).
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com