Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
380
390
400
410
420
VIN = 6V
VIN = 48V
VIN = 100V
RRT = 25 kΩ
Figure 7-19. Oscillator Frequency vs Junction
Temperature
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
950
960
970
980
990
1000
VIN = 6V
VIN = 48V
VIN = 100V
RRT = 10 kΩ
Figure 7-20. Oscillator Frequency vs Junction
Temperature
VCC Voltage (V)
6
7
8
9
10
11
12
13
1
1.5
2
2.5
3
3.5
4
Source
Sink
Figure 7-21. Gate Driver Peak Current vs VCC
Voltage
VCC Voltage (V)
6
7
8
9
10
11
12
13
0.6
0.8
1
1.2
1.4
1.6
High State
Low State
Figure 7-22. HO Driver Resistance vs VCC Voltage
VCC Voltage (V)
6
7
8
9
10
11
12
13
0.6
0.8
1
1.2
1.4
1.6
High State
Low State
Figure 7-23. LO Driver Resistance vs VCC Voltage
Input Voltage (V)
0
20
40
60
80
100
5
5.5
6
6.5
7
7.5
8
40°C
25°C
150°C
VSS/TRK = 0 V
Figure 7-24. VCC Voltage vs Input Voltage
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com