Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 47 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 47 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
11 Layout
11.1 Layout Guidelines
Proper PCB design and layout is important in a high-current, fast-switching circuits (with high current and voltage
slew rates) to assure appropriate device operation and design robustness. As expected, certain issues must
be considered before designing a PCB layout using the LM5146. The high-frequency power loop of the buck
converter power stage is denoted by #1 in the shaded area of Figure 11-1. The topological architecture of a buck
converter means that particularly high di/dt current flows in the components of loop 1, and it becomes mandatory
to reduce the parasitic inductance of this loop by minimizing its effective loop area. Also important is the gate
drive loops of the low-side and high-side MOSFETs, denoted by 2 and 3, respectively, in Figure 11-1.
17
19
14
BST
HO
SW
LO
VCC
PGND
VIN
VOUT
GND
LM5146
VCC
13
18
Low-side
gate driver
High-side
gate driver
12
CVCC
CBST
CIN
COUT
Q1
Q2
LF
#1
High frequency
power loop
#3
#2
14
Figure 11-1. DC/DC Regulator Ground System With Power Stage and Gate Drive CirCuit Switching Loops
11.1.1 Power Stage Layout
1. Input capacitors, output capacitors, and MOSFETs are the constituent components of the power stage of a
buck regulator and are typically placed on the top side of the PCB (solder side). The benefits of convective
heat transfer are maximized because of leveraging any system-level airflow. In a two-sided PCB layout,
small-signal components are typically placed on the bottom side (component side). insert at least one inner
plane, connected to ground, to shield and isolate the small-signal traces from noisy power traces and lines.
2. The DC/DC converter has several high-current loops. Minimize the area of these loops in order to suppress
generated switching noise and parasitic loop inductance and optimize switching performance.
• Loop #1: The most important loop to minimize the area of is the path from the input capacitor or
capacitors through the high- and low-side MOSFETs, and back to the capacitor or capacitors through the
ground connection. Connect the input capacitor or capacitors negative terminal close to the source of the
low-side MOSFET (at ground). Similarly, connect the input capacitor or capacitors positive terminal close
to the drain of the high-side MOSFET (at VIN). Refer to loop #1 of Figure 11-1.
• Another loop, not as critical though as loop #1, is the path from the low-side MOSFET through the
inductor and output capacitor(s), and back to source of the low-side MOSFET through ground. Connect
the source of the low-side MOSFET and negative terminal of the output capacitor or capacitors at ground
as close as possible.
3. The PCB trace defined as SW node, which connects to the source of the high-side (control) MOSFET, the
drain of the low-side (synchronous) MOSFET and the high-voltage side of the inductor, must be short and
wide. However, the SW connection is a source of injected EMI and thus must not be too large.
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com