Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
ESL contributions at the switching frequency, and the capacitive impedance component dominates. However,
depending on package and voltage rating of the ceramic capacitor, the effective capacitance can drop quite
significantly with applied DC voltage and operating temperature.
Ignoring the ESR term in Equation 9 gives a quick estimation of the minimum ceramic capacitance necessary
to meet the output ripple specification. One to four 47-µF, 10-V, X7R capacitors in 1206 or 1210 footprint is
a common choice. Use Equation 10 to determine if additional capacitance is necessary to meet the load-off
transient overshoot specification.
A composite implementation of ceramic and electrolytic capacitors highlights the rationale for paralleling
capacitors of dissimilar chemistries yet complementary performance. The frequency response of each capacitor
is accretive in that each capacitor provides desirable performance over a certain portion of the frequency range.
While the ceramic provides excellent mid- and high-frequency decoupling characteristics with its low ESR and
ESL to minimize the switching frequency output ripple, the electrolytic device with its large bulk capacitance
provides low-frequency energy storage to cope with load transient demands.
9.1.2.3 Input Capacitors
Input capacitors are necessary to limit the input ripple voltage to the buck power stage due to switching-
frequency AC currents. TI recommends using X5R or X7R dielectric ceramic capacitors to provide low
impedance and high RMS current rating over a wide temperature range. To minimize the parasitic inductance in
the switching loop, position the input capacitors as close as possible to the drain of the high-side MOSFET and
the source of the low-side MOSFET. The input capacitor RMS current is given by Equation 11.
2
2
L
CIN,rms
OUT
I
I
D
I
1 D
12
§
·
'
¨
¸
˜
˜
¨
¸
©
¹
(11)
The highest input capacitor RMS current occurs at D = 0.5, at which point the RMS current rating of the
capacitors should be greater than half the output current.
Ideally, the DC component of input current is provided by the input voltage source and the AC component by the
input filter capacitors. Neglecting inductor ripple current, the input capacitors source current of amplitude (IOUT −
IIN) during the D interval and sinks IIN during the 1−D interval. Thus, the input capacitors conduct a square-wave
current of peak-to-peak amplitude equal to the output current. It follows that the resultant capacitive component
of AC ripple voltage is a triangular waveform. Together with the ESR-related ripple component, the peak-to-peak
ripple voltage amplitude is given by Equation 12.
OUT
IN
OUT
ESR
SW
IN
I
D
1
D
V
I
R
F
C
˜
˜
'
˜
˜
(12)
The input capacitance required for a particular load current, based on an input voltage ripple specification of
ΔVIN, is given by Equation 13.
OUT
IN
SW
IN
ESR
OUT
D
1 D
I
C
F
V
R
I
˜
˜
t
˜ '
˜
(13)
Low-ESR ceramic capacitors can be placed in parallel with higher valued bulk capacitance to provide optimized
input filtering for the regulator and damping to mitigate the effects of input parasitic inductance resonating with
high-Q ceramics. One bulk capacitor of sufficiently high current rating and two or three 2.2-μF 100-V X7R
ceramic decoupling capacitors are usually sufficient. Select the input bulk capacitor based on its ripple current
rating and operating temperature.
9.1.2.4 Power MOSFETs
The choice of power MOSFETs has significant impact on DC/DC regulator performance. A MOSFET with
low on-state resistance, RDS(on), reduces conduction loss, whereas low parasitic capacitances enable faster
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com