Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 41 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
9.2.2 Design 2 – High Density, 12-V, 8-A Rail From 48-V Telecom Power
Figure 9-16 shows the schematic diagram of a 400-kHz, 12-V output, 8-A synchronous buck regulator intended
for 48-V telecom applications.
1
2
3
4
5
6
7
10
11
17
18
19
14
20
BST
HO
SW
LO
PGND
RT
SS/TRK
COMP
FB
AGND
VIN = 14 V to 85 V
VOUT = 12 V
LM5146
VOUT
SYNC In
GND
12
SYNCOUT
8
SYNCIN
9
NC
EN/UVLO
VIN
ILIM
PGOOD
SYNC Out
13
VCC
16
15
NC
EP
LF
COUT
Q1
Q2
CIN
RILIM
CVCC
CBST
CSS
RFB2
RFB1
RC2
CC2
CC1
RC1
CC3
RRT
CILIM
6.8 H
0.1 F
10 pF
47 nF
5
2.2 F
RUV2
9.31 kΩ
4.7 nF
5
22 μF
RUV1
100 kΩ
2.2 μF
CVIN
619 Ω
0.1 μF
1.5 kΩ
21 kΩ
100 pF
8.06 kΩ
100 Ω
U1
24.9 kΩ
1 nF
D1
RBST
2.2 Ω
optional
PGOOD
RVIN
2.2 Ω
Figure 9-16. Application Circuit 2 With LM5146 48-V to 12-A Synchronous Buck Regulator at 400 kHz
9.2.2.1 Design Requirements
The required input, output, and performance parameters for this application example are shown in Table 9-7.
Table 9-7. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range (steady state)
14 V to 85 V
Input transient voltage (peak)
90 V
Output voltage and current
12 V, 8 A
Input UVLO thresholds
14 V on, 13 V off
Switching frequency
400 kHz
Output voltage regulation
±1%
Load transient peak voltage deviation, 4-A load step
< 120 mV
9.2.2.2 Detailed Design Procedure
A high power density, high-efficiency regulator solution uses 100-V power MOSFETs in SON 5-mm × 6-mm
packages, together with a low-DCR inductor and all-ceramic capacitor design. The design occupies a footprint of
30 mm × 15 mm on a single-sided PCB. The overcurrent (OC) setpoint in this design is set at 12 A based on the
resistor RILIM and the 10-mΩ RDS(on) of the low-side MOSFET (typical at TJ = 25°C and VGS = 10 V). The 12-V
output is connected to VCC through a diode, D1, to reduce IC bias power dissipation at high input voltages.
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com