Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 27 Page - Texas Instruments

Part # LM5145
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Design and Implementation
To expedite the process of designing of a LM5146-based regulator for a given application, use the LM5146
Quickstart Calculator available as a free download, as well as numerous LM5146 reference designs populated in
TI Designs™ reference design library, or the designs provided in Section 9.2. The LM5146 is also WEBENCH®
Designer enabled.
9.1.2 Power Train Components
Comprehensive knowledge and understanding of the power train components are key to successfully completing
a synchronous buck regulator design.
9.1.2.1 Inductor
For most applications, choose an inductance such that the inductor ripple current, ΔIL, is between 30% and 40%
of the maximum DC output current at nominal input voltage. Choose the inductance using Equation 7 based on a
peak inductor current given by Equation 8.
OUT
IN
OUT
F
IN
L
SW
V
V
V
L
V
I
F
§
·
˜ ¨
¸
' ˜
©
¹
(7)
L
L(peak)
OUT
I
I
I
2
'
(8)
Check the inductor data sheet to ensure that the saturation current of the inductor is well above the peak
inductor current of a particular design. Ferrite designs have very low core loss and are preferred at high
switching frequencies, so design goals can then concentrate on copper loss and preventing saturation. Low
inductor core loss is evidenced by reduced no-load input current and higher light-load efficiency. However, ferrite
core materials exhibit a hard saturation characteristic and the inductance collapses abruptly when the saturation
current is exceeded. This results in an abrupt increase in inductor ripple current, higher output voltage ripple,
not to mention reduced efficiency and compromised reliability. Note that the saturation current of an inductor
generally decreases as its core temperature increases. Of course, accurate overcurrent protection is key to
avoiding inductor saturation.
9.1.2.2 Output Capacitors
Ordinarily, the output capacitor energy store of the regulator combined with the control loop response are
prescribed to maintain the integrity of the output voltage within the dynamic (transient) tolerance specifications.
The usual boundaries restricting the output capacitor in power management applications are driven by finite
available PCB area, component footprint and profile, and cost. The capacitor parasitics—equivalent series
resistance (ESR) and equivalent series inductance (ESL)—take greater precedence in shaping the load transient
response of the regulator as the load step amplitude and slew rate increase.
The output capacitor, COUT, filters the inductor ripple current and provides a reservoir of charge for step-load
transient events. Typically, ceramic capacitors provide extremely low ESR to reduce the output voltage ripple
and noise spikes, while tantalum and electrolytic capacitors provide a large bulk capacitance in a relatively
compact footprint for transient loading events.
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com