Electronic Components Datasheet Search
  English  ▼

X  

LMP90080 Datasheet(PDF) 21 Page - Texas Instruments

Part # LMP90080
Description  LMP9007x/LMP90080 Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE With True Continuous Background Calibration
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP90080 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP90080 Datasheet HTML 17Page - Texas Instruments LMP90080 Datasheet HTML 18Page - Texas Instruments LMP90080 Datasheet HTML 19Page - Texas Instruments LMP90080 Datasheet HTML 20Page - Texas Instruments LMP90080 Datasheet HTML 21Page - Texas Instruments LMP90080 Datasheet HTML 22Page - Texas Instruments LMP90080 Datasheet HTML 23Page - Texas Instruments LMP90080 Datasheet HTML 24Page - Texas Instruments LMP90080 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
Calibration
Background
calibration
System
calibration
Correction
Estimation
Offset
Gain
21
LMP90077, LMP90078, LMP90079, LMP90080
www.ti.com
SNAS521H – JULY 2011 – REVISED JANUARY 2016
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Calibration
As seen in Figure 39, there are two types of calibration: background calibration and system calibration. These
calibrations are further described in the next sections.
Figure 39. Types of Calibration
9.3.1.1 Background Calibration
Background calibration is the process of continuously determining and applying the offset and gain calibration
coefficients to the output codes to minimize the LMP900xx’s offset and gain errors. Background calibration is a
feature built into the LMP900xx and is automatically done by the hardware without interrupting the input signal.
Four differential channels, CH0-CH3, each with its own gain and ODRs, can be calibrated to improve the
accuracy.
9.3.1.1.1
Types of Background Calibration:
Figure 39 also shows that there are two types of background calibration:
Type 1: Correction the process of continuously determining and applying the offset and gain calibration
coefficients to the output codes to minimize the LMP900xx’s offset and gain errors.
This method keeps track of changes in the LMP900xx's gain and offset errors due to
changes in the operating condition such as voltage, temperature, or time.
Type 2: Estimation the process of determining and continuously applying the last known offset and gain
calibration coefficients to the output codes to minimize the LMP900xx’s offset and gain errors.
The last known offset or gain calibration coefficients can come from two sources. The first
source is the default coefficient which is pre-determined and burnt in the device’s non-
volatile memory. The second source is from a previous calibration run of Type 1: Correction.
The benefits of using Type 2 calibration is a higher throughput, lower power consumption, and slightly better
noise. The exact savings would depend on the number of channels being scanned, and the ODR and gain of
each channel.
9.3.1.1.2
Using Background Calibration:
There are four modes of background calibration, which can be programmed using the BGCALCN bits. They are
as follows:
•
BgcalMode0: Background Calibration OFF
•
BgcalMode1: Offset Correction / Gain Estimation
•
BgcalMode2: Offset Correction / Gain Correction. Follow Figure 40 to set other appropriate registers when
using this mode.
•
BgcalMode3: Offset Estimation / Gain Estimation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com