Electronic Components Datasheet Search
  English  ▼

X  

LMP90080 Datasheet(PDF) 39 Page - Texas Instruments

Part # LMP90080
Description  LMP9007x/LMP90080 Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE With True Continuous Background Calibration
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP90080 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LMP90080 Datasheet HTML 35Page - Texas Instruments LMP90080 Datasheet HTML 36Page - Texas Instruments LMP90080 Datasheet HTML 37Page - Texas Instruments LMP90080 Datasheet HTML 38Page - Texas Instruments LMP90080 Datasheet HTML 39Page - Texas Instruments LMP90080 Datasheet HTML 40Page - Texas Instruments LMP90080 Datasheet HTML 41Page - Texas Instruments LMP90080 Datasheet HTML 42Page - Texas Instruments LMP90080 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
R/WB = Read/Write Data
0: Write Data
1: Read Data
7
[3:0]
[23:0]
0
0x2
SZ = Size
0x0: 1 byte
0x1: 2 bytes
0x2: 3 bytes
0x3: Streaming ± 3+ bytes until CSB is de-asserted
[6:5]
4
0
0xF
The 1
st
Data Byte will be written to ADDR 0x1F, the 2
nd
Data Byte will
be written to ADDR 0x20, and the 3
rd
Data Byte will be written to ADR
0x21. After this process, deassert CSB.
Instruction Byte 2 (INST2)
Data Bytes
[7:0]
[7:3]
[2:0]
0x0
0x1
Instruction Byte 1 (INST1)
Upper Address Byte (UAB)
R/WB = Read/Write Address
0x10: Write Address
0x90: Read Address
0x10
Transaction 2 ± Data Access
Transaction 1 ± URA Setup ± necessary only when the previous URA is different than the desired URA.
39
LMP90077, LMP90078, LMP90079, LMP90080
www.ti.com
SNAS521H – JULY 2011 – REVISED JANUARY 2016
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9.5.2 RESET and RESTART
Writing 0xC3 to the REG_AND_CNV_RST field will reset the conversion and most of the programmable registers
to their default values. The only registers that will not be reset are the System Calibration Registers
(CHx_SCAL_OFFSET, CHx_SCAL_GAIN) and the DT_AVAIL_B bit.
If it is desirable to reset the System Calibration Coefficient Registers, then set RESET_SYSCAL = 1 before
writing 0xC3 to REG_AND_CNV_RST. If the device is operating in the “System Calibration Offset/Gain
Coefficient Determination” mode (SCALCN register), then write REG_AND_CNV_RST = 0xC3 twice to get out of
this mode.
After a register reset, any on-going conversions will be aborted and restarted. If the device is in the power-down
state, then a register reset will bring it out of the power-down state.
To restart a conversion, write 1 to the RESTART bit. This bit can be used to synchronize the conversion to an
external event.
After a restart conversion, the first sample is not valid. To restart with a valid first sample, issue a stand-by
command followed by an active command.
9.5.3 Register Read/Write Examples
9.5.3.1 Writing to Register Examples
Using the register read/write protocol shown in Figure 55, the following example shows how to write three data
bytes starting at register address (ADDR) 0x1F. After the last byte has been written to ADDR 0x21, deassert
CSB to end the register-write.
Figure 65. Register-Write Example 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com