Electronic Components Datasheet Search
  English  ▼

X  

LMP90080 Datasheet(PDF) 56 Page - Texas Instruments

Part # LMP90080
Description  LMP9007x/LMP90080 Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE With True Continuous Background Calibration
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP90080 Datasheet(HTML) 56 Page - Texas Instruments

Back Button LMP90080 Datasheet HTML 52Page - Texas Instruments LMP90080 Datasheet HTML 53Page - Texas Instruments LMP90080 Datasheet HTML 54Page - Texas Instruments LMP90080 Datasheet HTML 55Page - Texas Instruments LMP90080 Datasheet HTML 56Page - Texas Instruments LMP90080 Datasheet HTML 57Page - Texas Instruments LMP90080 Datasheet HTML 58Page - Texas Instruments LMP90080 Datasheet HTML 59Page - Texas Instruments LMP90080 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
RLINE1
RLINE2
RREF
IB1
VIN7/VREFN2
RLINE3
VIN6/VREFP2
VIN0
VIN1
VA
RTD
PT-100
IB1 =
1 mA
+
2.2 PF
0.1 PF
+
1 PF
0.1 PF
VIO
LMP90080
XIN/CLK
SCLK
CSB
SDO/DRDYB
SDI
Microcontroller
3V
3V
D2
OSC
51:
RLINE1
RLINE2
RREF
IB1
VIN7/VREFN2
IB2
RLINE3
VIN6/VREFP2
VIN0
VIN1
VA
RTD
PT-100
RCOMP
= 0:
IB1 =
1 mA
IB2 =
1 mA
+
0.1 PF
+
VIO
LMP90080
XOUT
XIN/CLK
SCLK
CSB
SDO
SDI
drdyb = D6
Microcontroller
3V
3V
12 pF
12 pF
D5
1 PF
0.1 PF
1 PF
56
LMP90077, LMP90078, LMP90079, LMP90080
SNAS521H – JULY 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Applications (continued)
10.2.2 3–Wire RTD
Figure 74. Topology #1: 3-Wire RTD using 2 Current Sources
Figure 75. Topology #2: 3-Wire RTD using 1 Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com