Electronic Components Datasheet Search
  English  ▼

X  

LMP90080 Datasheet(PDF) 36 Page - Texas Instruments

Part # LMP90080
Description  LMP9007x/LMP90080 Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE With True Continuous Background Calibration
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP90080 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LMP90080 Datasheet HTML 32Page - Texas Instruments LMP90080 Datasheet HTML 33Page - Texas Instruments LMP90080 Datasheet HTML 34Page - Texas Instruments LMP90080 Datasheet HTML 35Page - Texas Instruments LMP90080 Datasheet HTML 36Page - Texas Instruments LMP90080 Datasheet HTML 37Page - Texas Instruments LMP90080 Datasheet HTML 38Page - Texas Instruments LMP90080 Datasheet HTML 39Page - Texas Instruments LMP90080 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
LMP900xx
SCLK
CSB
SDI
SDO
D6 = DRDYB
uC
SCLK
CSB
MOSI
MISO
Interrupt
CSB
SCLK
MSB
1
4
5
6
7
8
9
10
11
12
13
14
15
16
17
n
LSB
INST2
SDI
MSB
SDO/
DRDYB
Data Byte (s)
DRDYB is driving the pin
SDO is driving the pin
LSB
1/fSCLK
tCL
tCH
...
36
LMP90077, LMP90078, LMP90079, LMP90080
SNAS521H – JULY 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 60. Timing Protocol For DrdybCase2
9.5.1.6.3
DrdybCase3: Routing DRDYB to D6
Figure 61. DrdybCase3 Connection Diagram
The DRDYB signal can be routed to pin D6 by setting SPI_DRDYB_D6 high and SDO_DRDYB_DRIVER to 0x4.
This is the behavior for DrdybCase3 as shown in Figure 61.
The timing protocol for this case can be seen in Figure 62. Since DRDYB is separated from SDO, it can be
monitored using the interrupt or polling method. If polled, the DRDYB signal needs to be polled faster than tDRDYB
to detect a DRDYB assertion. When DRDYB asserts, assert CSB to start the SPI transaction and begin writing
the Instruction Bytes (INST1, UAB, INST2) to read from or write to registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com