Electronic Components Datasheet Search
  English  ▼

X  

LMP90080 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP90080
Description  LMP9007x/LMP90080 Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE With True Continuous Background Calibration
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP90080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP90080 Datasheet HTML 9Page - Texas Instruments LMP90080 Datasheet HTML 10Page - Texas Instruments LMP90080 Datasheet HTML 11Page - Texas Instruments LMP90080 Datasheet HTML 12Page - Texas Instruments LMP90080 Datasheet HTML 13Page - Texas Instruments LMP90080 Datasheet HTML 14Page - Texas Instruments LMP90080 Datasheet HTML 15Page - Texas Instruments LMP90080 Datasheet HTML 16Page - Texas Instruments LMP90080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
SCLK
SDO
8
9
0.3VIO
0.7VIO
tDOE
DB7
0.3VIO
SDO
0.9VIO
0.1VIO
tDOF
tDOR
0.1VIO
0.9VIO
SCLK
SDO
tDOD2
0.7VIO
0.9VIO
0.1VIO
DB0
SCLK
SDO
0.1 VIO
0.3 VIO
0.9 VIO
DB0
tDOD2 (optional,
SW_OFF_TRG = 1)
13
LMP90077, LMP90078, LMP90079, LMP90080
www.ti.com
SNAS521H – JULY 2011 – REVISED JANUARY 2016
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 8. SDO Disable Time
Figure 9. SDO Rise and Fall Time
Figure 10. SDO Enable Time
Figure 11. SDO Rise and Fall Time
Table 1. ENOB (Noise Free Resolution) vs Sampling Rate and Gain At VA = VIO = VREF = 3V
ODR (SPS)
GAIN
1
2
4
8
16
32
64
128
1.6775
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
3.355
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (14.5)
6.71
16 (16)
16 (16)
16 (16)
16 (15.5)
16 (16)
16 (16)
16 (15)
16 (14.5)
13.42
16 (16)
16 (16)
16 (15.5)
16 (15)
16 (16)
16 (15.5)
16 (15)
16 (14)
26.83125
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
16 (15)
53.6625
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15)
16 (14.5)
107.325
16 (16)
16 (16)
16 (16)
16 (15.5)
16 (16)
16 (15.5)
16 (14.5)
16 (14)
214.65
16 (16)
16 (16)
16 (15.5)
16 (15)
16 (16)
16 (15)
16 (14.5)
16 (13.5)
Table 2. RMS Noise (mV) vs Sampling Rate and Gain At VA = VIO = VREF = 3V
ODR (SPS)
GAIN OF THE ADC
1
2
4
8
16
32
64
128
1.6775
3.08
1.90
1.53
1.27
0.23
0.21
0.15
0.14
3.355
4.56
2.70
2.21
1.67
0.34
0.27
0.24
0.26
6.71
6.15
4.10
3.16
2.39
0.51
0.40
0.37
0.35
13.42
8.60
5.85
4.29
3.64
0.67
0.54
0.51
0.49
26.83125
3.35
2.24
1.65
1.33
0.33
0.27
0.26
0.25
53.6625
4.81
3.11
2.37
1.90
0.44
0.39
0.37
0.36
107.325
6.74
4.51
3.38
2.66
0.63
0.54
0.52
0.49
214.65
9.52
6.37
4.72
3.79
0.90
0.79
0.72
0.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com