Electronic Components Datasheet Search
  English  ▼

X  

LMP90080 Datasheet(PDF) 66 Page - Texas Instruments

Part # LMP90080
Description  LMP9007x/LMP90080 Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE With True Continuous Background Calibration
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP90080 Datasheet(HTML) 66 Page - Texas Instruments

Back Button LMP90080 Datasheet HTML 62Page - Texas Instruments LMP90080 Datasheet HTML 63Page - Texas Instruments LMP90080 Datasheet HTML 64Page - Texas Instruments LMP90080 Datasheet HTML 65Page - Texas Instruments LMP90080 Datasheet HTML 66Page - Texas Instruments LMP90080 Datasheet HTML 67Page - Texas Instruments LMP90080 Datasheet HTML 68Page - Texas Instruments LMP90080 Datasheet HTML 69Page - Texas Instruments LMP90080 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Aug-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMP90077MHE/NOPB
HTSSOP
PWP
28
250
178.0
16.4
6.95
10.0
1.7
8.0
16.0
Q1
LMP90077MHX/NOPB
HTSSOP
PWP
28
2500
330.0
16.4
6.95
10.0
1.7
8.0
16.0
Q1
LMP90078MHE/NOPB
HTSSOP
PWP
28
250
178.0
16.4
6.95
10.0
1.7
8.0
16.0
Q1
LMP90078MHX/NOPB
HTSSOP
PWP
28
2500
330.0
16.4
6.95
10.0
1.7
8.0
16.0
Q1
LMP90079MHE/NOPB
HTSSOP
PWP
28
250
178.0
16.4
6.95
10.0
1.7
8.0
16.0
Q1
LMP90079MHX/NOPB
HTSSOP
PWP
28
2500
330.0
16.4
6.95
10.0
1.7
8.0
16.0
Q1
LMP90080MHE/NOPB
HTSSOP
PWP
28
250
178.0
16.4
6.95
10.0
1.7
8.0
16.0
Q1
LMP90080MHX/NOPB
HTSSOP
PWP
28
2500
330.0
16.4
6.95
10.0
1.7
8.0
16.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com