Electronic Components Datasheet Search
  English  ▼

X  

LMP90080 Datasheet(PDF) 26 Page - Texas Instruments

Part # LMP90080
Description  LMP9007x/LMP90080 Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE With True Continuous Background Calibration
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP90080 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMP90080 Datasheet HTML 22Page - Texas Instruments LMP90080 Datasheet HTML 23Page - Texas Instruments LMP90080 Datasheet HTML 24Page - Texas Instruments LMP90080 Datasheet HTML 25Page - Texas Instruments LMP90080 Datasheet HTML 26Page - Texas Instruments LMP90080 Datasheet HTML 27Page - Texas Instruments LMP90080 Datasheet HTML 28Page - Texas Instruments LMP90080 Datasheet HTML 29Page - Texas Instruments LMP90080 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
Clock
Options
Connect a XTAL
to XIN and XOUT
Connect an external
CLK source to the
XIN/CLK pin
Is there a XTAL
connected to XIN and
XOUT?
Set CLK_EXT_DET = 1 to
E\SDVV WKH ³([WHUQDO-Clock
'HWHFWLRQ´ PRGH
Yes
Set CLK_SEL = 0 to select
the internal clock
LMP900xx will use the
internal clock
No
LMP900xx will
automatically detect
and use the XTAL if
CLK_EXT_DET = 0
(default)
Internal CLK
External
XTAL
External CLK Source
LMP900xx will
automatically use the
external CLK source
26
LMP90077, LMP90078, LMP90079, LMP90080
SNAS521H – JULY 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Feature Description (continued)
9.3.7.3
Selectable Gains (FGA and PGA)
LMP900xx provides two types of gain amplifiers: a fixed gain amplifier (FGA) and a programmable gain amplifier
(PGA). FGA has a fixed gain of 16x or it can be bypassed, while the PGA has programmable gain settings of 1x,
2x, 4x, or 8x.
Total gain is defined as FGA x PGA. Thus, LMP900xx provides gain settings of 1x, 2x, 4x, 8x, 16x, 32x, 64x, or
128x with true continuous background calibration.
The gain is channel specific, which means that one channel can have one gain, while another channel can have
the same or a different gain.
The gain can be selected by programming the CHx_CONFIG: GAIN_SEL bits.
9.3.7.4 Buffer (BUFF)
There is an internal unity gain buffer that can be included or excluded from the signal path. Including the buffer
provides a high input impedance but increases the power consumption.
When gain
≥ 16, the buffer is automatically included in the signal path. When gain < 16, including or excluding
the buffer from the signal path can be done by programming the CHX_CONFIG: BUF_EN bit.
9.3.7.5 Internal/External CLK Selection
LMP900xx allows two clock options: internal CLK or external CLK (crystal (XTAL) or clock source).
There is an “External Clock Detection” mode, which detects the external XTAL if it is connected to XOUT and
XIN. When operating in this mode, the LMP900xx shuts off the internal clock to reduce power consumption.
Below is a flow chart to help set the appropriate clock registers.
Figure 44. CLK Register Settings
The recommended value for the external CLK is discussed in the next sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com