Electronic Components Datasheet Search
  English  ▼

X  

LMP90080 Datasheet(PDF) 46 Page - Texas Instruments

Part # LMP90080
Description  LMP9007x/LMP90080 Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE With True Continuous Background Calibration
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP90080 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LMP90080 Datasheet HTML 42Page - Texas Instruments LMP90080 Datasheet HTML 43Page - Texas Instruments LMP90080 Datasheet HTML 44Page - Texas Instruments LMP90080 Datasheet HTML 45Page - Texas Instruments LMP90080 Datasheet HTML 46Page - Texas Instruments LMP90080 Datasheet HTML 47Page - Texas Instruments LMP90080 Datasheet HTML 48Page - Texas Instruments LMP90080 Datasheet HTML 49Page - Texas Instruments LMP90080 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
46
LMP90077, LMP90078, LMP90079, LMP90080
SNAS521H – JULY 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table 12. ADC_AUXCN (continued)
ADC AUXILIARY CONTROL (ADDRESS 0x12)
BIT
BIT SYMBOL
BIT DESCRIPTION
[3:0]
RTD_CUR_SEL (LMP90080
and LMP90078 only)
Selects RTD Current as follows:
0x0 (default): 0 µA
0x1: 100 µA
0x2: 200 µA
0x3: 300 µA
0x4: 400 µA
0x5: 500 µA
0x6: 600 µA
0x7: 700 µA
0x8: 800 µA
0x9: 900 µA
0xA: 1000 µA
Table 13. ADC_DONE
ADC DATA AVAILABLE (ADDRESS 0x18)
BIT
BIT SYMBOL
BIT DESCRIPTION
[7:0]
DT_AVAIL_B
Data Available – indicates if new conversion data is available
0x00
− 0xFE: Available
0xFF: Not available
(1)
Repeat reads of these registers are allowed as long as such reads are spaced apart by at least 72 µs.
Table 14. ADC_DOUT (1)
16-BIT CONVERSION DATA (TWO’S COMPLEMENT) (ADDRESS 0x1A - 0x1B)
ADDRESS
NAME
REGISTER DESCRIPTION
0x1A
ADC_DOUTH
ADC Conversion Data [15:8]
0x1B
ADC_DOUTL
ADC Conversion Data [7:0]
0x1C
Reserved
Reserved
9.6.3 Channel Configuration Registers
Table 15. CH_STS
CHANNEL STATUS (ADDRESS 0x1E)
BIT
BIT SYMBOL
BIT DESCRIPTION
[7:2]
Reserved
-
1
CH_SCAN_NRDY
Channel Scan Not Ready – indicates if it is okay to program CH_SCAN
0: Update not pending, CH_SCAN register is okay to program
1: Update pending, CH_SCAN register is not ready to be programmed
0
INV_OR_RPT_RD_STS
Invalid or Repeated Read Status
0: ADC_DOUT just read was valid and hitherto unread
1: ADC_DOUT just read was either invalid (not ready) or there was a repeated read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com