Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA657
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA657 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 12Page - Texas Instruments OPA657 Datasheet HTML 13Page - Texas Instruments OPA657 Datasheet HTML 14Page - Texas Instruments OPA657 Datasheet HTML 15Page - Texas Instruments OPA657 Datasheet HTML 16Page - Texas Instruments OPA657 Datasheet HTML 17Page - Texas Instruments OPA657 Datasheet HTML 18Page - Texas Instruments OPA657 Datasheet HTML 19Page - Texas Instruments OPA657 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
R
F
1
2
3
4
8
7
6
5
+
í
PD
FB
INí
IN+
VS+
VSí
NC
OUT
VS+
VSí
VIN+
VOUT
Power Supply
ESD Cell
VINí
FB
Internal
Circuitry
16
OPA818
SBOS940A – MAY 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Feature Description (continued)
Figure 45. Internal ESD Protection
8.3.2 Feedback Pin
For high speed analog design, minimizing parasitic capacitances and inductances is critical to get the best
performance from a high speed amplifier such as the OPA818. Parasitics are especially detrimental in the
feedback path and at the inverting input. They result in undesired poles and zeroes in the feedback that could
result in reduced phase margin or instability. Techniques used to correct for this phase margin reduction often
result in reduced application bandwidth. To keep system engineers from making these tradeoff choices and to
simplify the PCB layout, OPA818 features an FB pin on the same side as the inverting input pin, IN–. This allows
for a very short feedback resistor, RF, connection between the FB and the IN– pin as shown in Figure 46, thus
minimizing parasitics with minimal PCB design effort. Internally the FB pin is connected to VOUT through metal
routing on the silicon. Due to the fixed metal sizing of this connection, FB pin has limited current carrying
capability and specifications in the Absolute Maximum Ratings must be adhered to for continuous operation.
Figure 46. RF Connection Between FB and IN– Pins
8.3.3 Decompensated Architecture With Wide Gain-Bandwidth Product
Figure 47 shows the open-loop gain and phase response of the OPA818. The GBWP of an op amp is measured
in the 20 dB/decade constant slope region of the AOL magnitude plot. The open-loop gain of 60 dB for the
OPA818 is along this 20 dB/decade slope and the corresponding frequency intercept is at 2.7 MHz. Converting
60 dB to linear units (1000 V/V) and multiplying it with the 2.7 MHz frequency intercept gives the GBWP of
OPA818 as 2.7 GHz. As can be inferred from the AOL Bode plot, the second pole in the AOL response occurs
before AOL magnitude drops below 0 dB (1 V/V). This results in phase change of more than 180° at 0 dB AOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com