Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA657
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA657 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 15Page - Texas Instruments OPA657 Datasheet HTML 16Page - Texas Instruments OPA657 Datasheet HTML 17Page - Texas Instruments OPA657 Datasheet HTML 18Page - Texas Instruments OPA657 Datasheet HTML 19Page - Texas Instruments OPA657 Datasheet HTML 20Page - Texas Instruments OPA657 Datasheet HTML 21Page - Texas Instruments OPA657 Datasheet HTML 22Page - Texas Instruments OPA657 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
R
F
301
±5 V
+5 V
R
G
49.9
0.01 …F
0.22 …F
0.01 …F
0.22 …F
49.9
V
IN
V
O
49.9
+
±
50
Source
50
Load
19
OPA818
www.ti.com
SBOS940A – MAY 2019 – REVISED MARCH 2020
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Wideband, Non-Inverting Operation
The OPA818 provides a unique combination of high GBWP, low-input voltage noise, and the DC precision of a
trimmed JFET-input stage to provide an exceptional high input impedance for a voltage-feedback amplifier. Its
very high GBWP of 2.7 GHz can be used to either deliver high-signal bandwidths at high gains, or to extend the
achievable bandwidth or gain in photodiode-transimpedance applications. To achieve the full performance of the
OPA818, careful attention to printed circuit board (PCB) layout and component selection is required as discussed
in the following sections of this data sheet.
Figure 49 shows the non-inverting gain of +7 V/V circuit used as the basis for most of the Typical Characteristics:
VS = ±5 V. Most of the curves were characterized using signal sources with 50-Ω driving impedance, and with
measurement equipment presenting a 50-Ω load impedance. In Figure 49, the 49.9-Ω shunt resistor at the VIN
terminal matches the source impedance of the test generator, while the 49.9-Ω series resistor at the VO terminal
provides a matching resistor for the measurement equipment load. Generally, data sheet voltage swing
specifications are at the output pin (VO in Figure 49) while output power specifications are at the matched 50-Ω
load. The total 100-Ω load at the output combined with the 350-Ω total feedback network load, presents the
OPA818 with an effective output load of 78 Ω for the circuit of Figure 49.
Figure 49. Non-Inverting G = +7 V/V Configuration and Test Circuit
Voltage-feedback operational amplifiers, unlike current feedback products, can use a wide range of resistor
values to set their gain. To retain a controlled frequency response for the non-inverting voltage amplifier of
Figure 49, the parallel combination of RF || RG should always be less than 50-Ω. In the non-inverting
configuration, the parallel combination of RF || RG will form a pole with the parasitic input capacitance at the
inverting node of the OPA818 (including layout parasitics). For best performance, this pole should be at a
frequency greater than the closed loop bandwidth for the OPA818.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com