Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA657
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA657 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 18Page - Texas Instruments OPA657 Datasheet HTML 19Page - Texas Instruments OPA657 Datasheet HTML 20Page - Texas Instruments OPA657 Datasheet HTML 21Page - Texas Instruments OPA657 Datasheet HTML 22Page - Texas Instruments OPA657 Datasheet HTML 23Page - Texas Instruments OPA657 Datasheet HTML 24Page - Texas Instruments OPA657 Datasheet HTML 25Page - Texas Instruments OPA657 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Frequency (Hz)
95
95.5
96
96.5
97
97.5
98
98.5
99
99.5
100
100.5
1M
10M
D103
Frequency (Hz)
10
0.1
20
0.2
30
0.3
50
0.5
70
0.7
100
1
200
2
300
3
500
5
700
7
1000
10
10
100
1k
10k
100k
1M
10M
100M
D104
1
2
1
2
EQ
T
EQ
C
C
(C
C ) C
C
C
u
u
1
2
EQ
1
2
T
C
C
C
C
C
C
u
22
OPA818
SBOS940A – MAY 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
With OPA818's 2.7 GHz GBWP, it will be a suitable amplifier for the design requirements. A challenge with the
calculated component results is practically realizing a 0.092 pF capacitor. Such a small capacitor can be realized
by using a capacitive tee network formed by C1, C2, and CT such as that shown in Figure 51. The equivalent
capacitance, CEQ, of the tee network is given by Equation 2.
(2)
The tee network forms a capacitive attenuator from input to output with C1 and CT, and from output to input with
C2 and CT. With the value of CT being higher than C1 or C2, only a fraction of the output signal is seen by C1.
This results in a much smaller shunting current provided to the input through C1 and this reduced shunting
current effect is equivalent to how a much smaller capacitor behaves (at a fixed frequency, smaller capacitor has
higher impedance and thus reduced current). It is recommended to keep the same level of attenuation from input
to output and vice versa. To find the appropriate capacitor values for the tee network, chose an arbitrarily low but
practically realizable and equal values for capacitors C1 and C2, set CEQ = CTOT, and use Equation 3 to get the
value of the tunable capacitor, CT. The values of capacitors C1, C2, and CT in Figure 51 were determined using
this process.
(3)
Figure 53 shows the TINA simulated closed-loop bandwidth response of the circuit in Figure 51. The circuit was
designed for f–3dB = 24 MHz and the simulated closed-loop 3-dB frequency is 24.6 MHz with about 0.1 dB
peaking. The OPA818 TINA model models the input common-mode and differential capacitors so they should not
be added externally when simulating in TINA. The noise simulation of the TIA circuit is shown in Figure 54. The
output referred voltage noise is shown on the Y-axis to the left and the input referred current noise, which is
essentially output referred voltage noise divided by the transimpedance gain of 100k, is shown on the secondary
Y-axis to the right. The simulation results are fairly accurate because the OPA818 TINA model closely models
the voltage and current noise performance of the amplifier. The flat-band output voltage noise is 41 nV/
√Hz that
is equivalent to 0.41 pA/
√Hz of input referred current noise. The noise in relatively low frequency region where
the noise gain of the amplifier is 1 V/V is dominated by the thermal noise of the 100 kΩ resistor (40.7 nV/√Hz at
27°C). At mid frequencies beyond the zero formed by RF and CTOT, the noise gain of the amplifier amplifies the
voltage noise of the amplifier. The amplifier's noise starts to become the dominant noise contributor from this
frequency onwards before the output noise starts to roll off at frequencies beyond the 3-dB closed-loop
bandwidth. When looked at integrated root-mean-square (RMS) noise, the mid-frequency noise will be a
significant contributor and hence using a 2.2 nV/
√Hz low-noise amplifier like OPA818 is advantageous to
minimize total RMS noise in the system.
9.2.1.3 Application Curves
Figure 53. Simulated Closed-Loop Bandwidth of TIA
Figure 54. Simulated TIA Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com