Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA657
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA657 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 13Page - Texas Instruments OPA657 Datasheet HTML 14Page - Texas Instruments OPA657 Datasheet HTML 15Page - Texas Instruments OPA657 Datasheet HTML 16Page - Texas Instruments OPA657 Datasheet HTML 17Page - Texas Instruments OPA657 Datasheet HTML 18Page - Texas Instruments OPA657 Datasheet HTML 19Page - Texas Instruments OPA657 Datasheet HTML 20Page - Texas Instruments OPA657 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Frequency (Hz)
0
-180
8
-165
16
-150
24
-135
32
-120
40
-105
48
-90
56
-75
64
-60
72
-45
80
-30
88
-15
96
0
104
15
1k
10k
100k
1M
10M
100M
1G
D027
AOL Magnitude (dB)
AOL Phase (q)
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
1k
10k
100k
1M
10M
100M
1G
D106
TJ = 40qC
TJ = 27qC
TJ = 85qC
17
OPA818
www.ti.com
SBOS940A – MAY 2019 – REVISED MARCH 2020
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Feature Description (continued)
indicating that the amplifier will not be stable in a gain of 1 V/V. Amplifiers like OPA818 that are not unity-gain
stable are referred to as decompensated amplifiers. The decompensated architecture typically allows for higher
GBWP, higher slew rate, and lower noise compared to a unity-gain stable amplifier with equivalent quiescent
current. The additional advantage of the decompensated amplifier is better distortion performance at higher
frequencies in high gain applications for comparable quiescent current to a unity-gain stable amplifier.
OPA818 is stable in noise gain of 7 V/V (16.9 dB) or higher in conventional gain circuits as shown in Figure 43
and Figure 44. It has 790 MHz of SSBW in this gain configuration with approximately 50° phase margin.
The high GBWP and low voltage and current noise of OPA818 make it a very suitable amplifier for wideband
moderate to high transimpedance gain applications. Transimpedance gains of 50 kΩ or higher benefit from the
low current noise JFET input. In a typical transimpedance (TIA) circuit as shown in Figure 50, unity-gain stable
amplifier is not a requirement. At low frequencies, the noise gain of TIA is 0 dB (1 V/V) and at high frequencies
the noise gain is set by the ratio of the total input capacitance (CTOT) and the feedback capacitance (CF). To
maximize TIA closed-loop bandwidth, the feedback capacitance is generally smaller than the total input
capacitance. This results in the ratio of total input capacitance to the feedback capacitance to be greater than 1,
which is ultimately the noise gain of the TIA at higher frequencies. The blog series, What you need to know
about transimpedance amplifiers – part 1 and What you need to know about transimpedance amplifiers – part 2
describe TIA compensation techniques in greater detail.
RL = 100 Ω
Simulation
Figure 47. Open-Loop Gain Magnitude and Phase Vs
Frequency
RL = 100 Ω
Simulation
Figure 48. Open-Loop Gain Magnitude vs Temperature
8.3.4 Low Input Capacitance
Often two primary considerations for TIA applications are maximizing TIA closed-loop bandwidth and minimizing
the total output noise to maximize Signal-to-Noise Ratio (SNR). The total input capacitance (CTOT) of TIA circuit
causes a zero in the noise gain in combination with the transimpedance gain (feedback resistor, RF) at frequency
1/(2πRFCTOT). For a fixed RF, this zero is at a lower frequency for higher CTOT thus increasing the noise gain at
lower frequency resulting in lower equivalent closed-loop bandwidth and higher total output noise compared to a
lower CTOT. By choosing an amplifier like OPA818 that features a low input capacitance (2.4 pF combined
common-mode and differential) for TIA application, the system designer can realize high closed-loop bandwidth
at low total output noise or have the flexibility to choose a photodiode with relatively higher capacitance. The
CTOT includes the input capacitance of the amplifier, the photodiode capacitance, and the PCB parasitic
capacitance at the inverting input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com