Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 18 Page - Texas Instruments

Part # OPA657
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA657 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 14Page - Texas Instruments OPA657 Datasheet HTML 15Page - Texas Instruments OPA657 Datasheet HTML 16Page - Texas Instruments OPA657 Datasheet HTML 17Page - Texas Instruments OPA657 Datasheet HTML 18Page - Texas Instruments OPA657 Datasheet HTML 19Page - Texas Instruments OPA657 Datasheet HTML 20Page - Texas Instruments OPA657 Datasheet HTML 21Page - Texas Instruments OPA657 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18
OPA818
SBOS940A – MAY 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Split-Supply Operation (+4/–2 V to ±6.5 V)
In typical split-supply operation, the mid-point between the power rails is ground. Mid-point at ground in split-
supply configuration is a valid operating condition for OPA818 when symmetric supply voltages that are greater
than or equal to ±4 V are used. This facilitates interfacing the OPA818 with common lab equipment such as
signal generators, network analyzers, oscilloscopes, and spectrum analyzers most of which have inputs and
outputs referenced to ground. However, when split-supply voltages less than ±4 V are used, care must be taken
that the input common-mode range is not violated because the typical input common-mode range of OPA818
includes VS– and extends up to 3.2 V from VS+. For example, when ±3 V supplies are used, the input common-
mode of the signal must be typically 3.2 V from VS+ and 3.6 V from VS+ under maximum specified input common-
mode range. This means ground is not included in the input common-mode range with ±3 V supplies resulting in
erroneous operation if the input signal has ground as the mid-point. To prevent this situation, +4/–2 V supplies
can be used.
8.4.2 Single-Supply Operation (6 V to 13 V)
Many newer systems use single power supply to improve efficiency and reduce the cost of the extra power
supply. The OPA818 is designed for use with split-supply configuration; however, it can be used with a single-
supply with no change in performance, as long as the input and output are biased within the linear operation of
the device. To change the circuit from split supply to single supply, level shift all the voltages to mid-supply using
VREF. As described in Split-Supply Operation (+4/–2 V to ±6.5 V), additional consideration must be given to the
input common-mode range so as not to violate it when operating with supplies less than 8 V. One of the
advantages of configuring an amplifier for single-supply operation is that the effects of –PSRR will be minimized
because the low supply rail has been grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com