Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 27 Page - Texas Instruments

Part # OPA657
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA657 Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 23Page - Texas Instruments OPA657 Datasheet HTML 24Page - Texas Instruments OPA657 Datasheet HTML 25Page - Texas Instruments OPA657 Datasheet HTML 26Page - Texas Instruments OPA657 Datasheet HTML 27Page - Texas Instruments OPA657 Datasheet HTML 28Page - Texas Instruments OPA657 Datasheet HTML 29Page - Texas Instruments OPA657 Datasheet HTML 30Page - Texas Instruments OPA657 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
VBIAS
Place RISO close to IN±
Close the loop close
to APD pins
1
PD
8 VS+
2
FB
7 OUT
3
IN±
6 NC
4
IN+
5 VS±
Thermal
Pad
APD
Package
CF
RF
RISO
CF
APD
Package
Trace inductance isolates
APD capacitance from the
amplifier noise gain
RF
1
PD
8 VS+
2
FB
7 OUT
3
IN±
6 NC
4
IN+
5 VS±
Thermal
Pad
VBIAS
F
IN
Z
Noise Gain
1
Z
§
·
¨
¸
©
¹
27
OPA818
www.ti.com
SBOS940A – MAY 2019 – REVISED MARCH 2020
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Layout Example (continued)
The layout shown in Figure 59 can be improved by following some of the guidelines shown in Figure 60. The two
key rules to follow are:
•
Add an isolation resistor RISO as close as possible to the inverting input of the amplifier. Select the value of
RISO to be between 10 Ω and 20 Ω. The resistor dampens the potential resonance caused by the trace
inductance and the amplifiers internal capacitance.
•
Close the loop between the feedback elements (RF and CF) and RISO as close to the APD pins as possible.
This ensures a more balanced layout and reduces the inductive isolation between the APD and the feedback
network.
where
•
ZF is the total impedance
of the feedback network
•
ZIN is the total
impedance of the input
network
(4)
Figure 59. Non-Ideal TIA Layout
Figure 60. Improved TIA Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com