Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA657
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA657 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 16Page - Texas Instruments OPA657 Datasheet HTML 17Page - Texas Instruments OPA657 Datasheet HTML 18Page - Texas Instruments OPA657 Datasheet HTML 19Page - Texas Instruments OPA657 Datasheet HTML 20Page - Texas Instruments OPA657 Datasheet HTML 21Page - Texas Instruments OPA657 Datasheet HTML 22Page - Texas Instruments OPA657 Datasheet HTML 23Page - Texas Instruments OPA657 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
3dB
F
TOT
GBWP
f
2 R C
S
V
O
+5 V
±5 V
+
±
R
F
C
F
V
BIAS
OPA818
V
REF
20
OPA818
SBOS940A – MAY 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Application Information (continued)
9.1.2 Wideband, Transimpedance Design Using OPA818
With high GBWP, low input voltage and current noise, and low input capacitance, the OPA818 design is
optimized for wideband, low-noise transimpedance applications. The high voltage capability allows greater
flexibility of supply voltages along with wider output voltage swings. Figure 50 shows an example circuit of a
typical photodiode amplifier circuit. Generally the photodiode is reverse biased in a TIA application so the
photodiode current in the circuit of Figure 50 flows into the op amp feedback loop resulting in an output voltage
that reduces from VREF with increasing photodiode current. In this type of configuration and depending on the
application needs, VREF can be biased closer to VS+ to achieve the desired output swing. Input common-mode
range must be considered so as not to violate it when VREF bias is used.
The key design elements that determine the closed-loop bandwidth, f–3dB, of the circuit are below:
1. The op amp GBWP.
2. The transimpedance gain, RF.
3. The total input capacitance, CTOT, that includes photodiode capacitance, input capacitance of the amplifier
(common-mode and differential capacitance), and PCB parasitic capacitance.
Figure 50. Wideband, Low-Noise, Transimpedance Amplifier
Equation 1 shows the relationship between the above mentioned three elements for a Butterworth response.
(1)
The feedback resistance, RF and the total input capacitance, CTOT cause a zero in the noise gain that results in
instability if left uncompensated. To counteract the effect of the zero, a pole is inserted in the noise gain by
adding the feedback capacitor, CF. The Transimpedance Considerations for High-Speed Amplifiers application
report discusses theories and equations that show how to compensate a transimpedance amplifier for a
particular gain and input capacitance. The bandwidth and compensation equations from the application report are
available in a Microsoft Excel™ calculator. What You Need To Know About Transimpedance Amplifiers – Part 1
provides a link to the calculator. The details of maximizing the dynamic range of TIA front-ends as shown in
High-Speed Optical Front-End that uses voltages VREF1 and VREF2 are provided in Maximizing the dynamic range
of analog TIA front-end application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com