Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 25 Page - Texas Instruments

Part # OPA657
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA657 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 21Page - Texas Instruments OPA657 Datasheet HTML 22Page - Texas Instruments OPA657 Datasheet HTML 23Page - Texas Instruments OPA657 Datasheet HTML 24Page - Texas Instruments OPA657 Datasheet HTML 25Page - Texas Instruments OPA657 Datasheet HTML 26Page - Texas Instruments OPA657 Datasheet HTML 27Page - Texas Instruments OPA657 Datasheet HTML 28Page - Texas Instruments OPA657 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25
OPA818
www.ti.com
SBOS940A – MAY 2019 – REVISED MARCH 2020
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
Achieving optimum performance with a high-frequency amplifier like the OPA818 requires careful attention to
board layout parasitics and external component types. Recommendations that will optimize performance include.
1. Minimize parasitic capacitance to any AC ground for all of the signal I/O pins. Parasitic capacitance on the
output and inverting input pins can cause instability. On the non-inverting input, parasitic capacitance can
react with the source impedance to cause unintentional bandlimiting. Ground and power metal planes act as
one of the plates of a capacitor while the signal trace metal acts as the other separated by PCB dielectric. To
reduce this unwanted capacitance, a plane cutout around and underneath the signal I/O pins on all ground
and power planes is recommended. Otherwise, ground and power planes should be unbroken elsewhere on
the board. When configuring the amplifier as a TIA, if the required feedback capacitor is under 0.15 pF,
consider using two series resistors, each of half the value of a single resistor in the feedback loop to
minimize the parasitic capacitance from the resistor.
2. Minimize the distance (less than 0.25-in) from the power-supply pins to high-frequency decoupling
capacitors. Use high quality, 100-pF to 0.1-µF, C0G and NPO-type decoupling capacitors with voltage ratings
at least three times greater than the amplifiers maximum power supplies to ensure that there is a low-
impedance path to the amplifiers power-supply pins across the amplifiers gain bandwidth specification. At the
device pins, do not allow the ground and power plane layout to be in close proximity to the signal I/O pins.
Avoid narrow power and ground traces to minimize inductance between the pins and the decoupling
capacitors. The power-supply connections must always be decoupled with these capacitors. Larger (2.2-µF
to 6.8-µF) decoupling capacitors, effective at lower frequency, must be used on the supply pins. These are
placed further from the device and are shared among several devices in the same area of the PC board.
3. Careful selection and placement of external components will preserve the high frequency
performance of the OPA818. Resistors should be of very low reactance type. Surface-mount resistors work
best and allow a tighter overall layout. Metal film and carbon composition axially leaded resistors can also
provide good high frequency performance. Again, keep their leads and PCB trace length as short as
possible. Never use wirewound type resistors in a high frequency application. Because the output pin and
inverting input pin are the most sensitive to parasitic capacitance, always position the feedback and series
output resistor, if any, as close as possible to the inverting input and the output pin, respectively. Other
network components, such as non-inverting input termination resistors, should also be placed close to the
package. Even with a low parasitic capacitance shunting the external resistors, excessively high resistor
values can create significant time constants that can degrade performance. When OPA818 is configured as
a conventional voltage amplifier, keep the resistor values as low as possible and consistent with the load
driving considerations. Lower resistor values minimize the effect of parasitic capacitance and reduce resistor
noise terms but because the feedback network (RF + RG for non-inverting and RF for inverting configuration)
acts as a load on the amplifier, lower resistor values increase the dynamic power consumption and the
effective load on the output stage. Transimpedance applications (see Figure 50) can use feedback resistors
as required by the application and as long as the feedback compensation capacitor is set considering all
parasitic capacitance terms on the inverting node.
4. Heat dissipation is important for a high voltage device like OPA818. For good thermal relief, the thermal
pad should be connected to a heat spreading plane that is preferably on the same layer as OPA818 or
connected by as many vias as possible if the plane is on a different layer. It is recommended to have at least
one heat spreading plane on the same layer as the OPA818 that makes a direct connection to the thermal
pad with wide metal for good thermal conduction when operating at high ambient temperatures. If more than
one heat spreading planes are available, connecting them by a number of vias further improves the thermal
conduction.
5. Socketing a high speed part like the OPA818 is not recommended. The additional lead length and pin-
to-pin capacitance introduced by the socket can create an extremely troublesome parasitic network which
can make it almost impossible to achieve a smooth, stable frequency response. Best results are obtained by
soldering the OPA818 onto the board.
11.1.1 Thermal Considerations
The OPA818 will not require heatsinking or airflow in most applications. Maximum allowed junction temperature
will set the maximum allowed internal power dissipation as described below. In no case should the maximum
junction temperature be allowed to exceed 105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com