Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA855
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 11Page - Texas Instruments OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
7 Parameter Measurement Information
The various test setup configurations for the OPA855 are shown in Figure 7-1, Figure 7-2, and Figure 7-3. When
configuring the OPA855 in a gain of +39.2 V/V, set the feedback resistor RF to 953 Ω.
Figure 6-1 shows 5-dB of peaking with the amplifier in an inverting configuration of –7 V/V with the amplifier
configured as shown in Figure 7-2. The 50-Ω matched termination of this circuit configuration results in the
amplifier being configured in a noise gain of 5.3 V/V, which is lower than the recommended +7 V/V.
+
±
RG
453
2.5 V
í2.5 V
50-
Source
50
GND
GND
50-
Measurement
System
50
50
GND
RG values depend on gain configuration
169
71.5
GND
Figure 7-1. Noninverting Configuration
+
±
2.5 V
í2.5 V
50-
Source
GND
GND
50-
Measurement
System
50
50
GND
453
64
220
169
71.5
GND
Figure 7-2. Inverting Configuration (Gain = –7 V/V)
+
±
75
453
2.5 V
í2.5 V
50-
Source
50
GND
GND
RS
50-
Measurement
System
50
50
GND
CL
GND
1 k
53.6
GND
Figure 7-3. Capacitive Load Driver Configuration
www.ti.com
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com