Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 25 Page - Texas Instruments

Part # OPA855
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments OPA855 Datasheet HTML 23Page - Texas Instruments OPA855 Datasheet HTML 24Page - Texas Instruments OPA855 Datasheet HTML 25Page - Texas Instruments OPA855 Datasheet HTML 26Page - Texas Instruments OPA855 Datasheet HTML 27Page - Texas Instruments OPA855 Datasheet HTML 28Page - Texas Instruments OPA855 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Interfacing with APDs is similar to interfacing with PIN PDs, but APDs have additional noise factors due to
the internal gain. APDs have increased shot noise and the addition of a multiplication excess noise factor.
Decreasing capacitance, increasing diode shunt resistance, and decreasing reverse voltage bias applied to the
APD deceases noise at the expense of response time. The MPPCs total noise is comparable to APDs, but
with differing noise sources. This optical sensor includes digital-like noise factors such as dark count rate, after
pulsing, and optical crosstalk due to the parallel gain cells. For PMTs, dark count rate is lower. In general, PMT
total noise is comparable to PDs with an internal gain comparable to APDs. However, PMTs have the lowest
quantum efficiency of the optical sensor space.
9.2.2.1 Design Requirements
The objective is to design a low-noise, wideband optical front-end system using a diverse selection of optical
sensors: PD, APD, PMT, and MPPC with the OPA855 as the TIA. Table 9-1 lists the approximate design
requirements for each type of photodetector.
Table 9-1. Design Parameters
SENSOR
INTRINSIC
GAIN
(A/W)
REVERSE
BIAS
(V)
INPUT
CAPACITANCE
(pF)
TARGET
BANDWIDTH
(MHZ)
TRANSIMPEDANCE
GAIN RF
(kΩ)
TOTAL OPTICAL
GAIN
(kV/W)
PD (PIN)
1
30
3
15
100
100
APD
100
150
1
200
10
1000
PMT
1 × 106
1250
50
100
1
1 × 106
MPPC (SiPM)
5 × 105
50
100
10
1
5 × 105
9.2.2.2 Detailed Design Procedure
The OPA855 is decompensated and requires a high-frequency gain of 7 V/V or greater to be stable. Using
the OPA855 in lower gains results in increased peaking and potential instability. Decompensated amplifiers
are advantageous in TIA applications due the inherent characteristics of a TIA design. The zero and pole pair
introduced by the input and feedback capacitances along with the feedback resistor increases the noise gain
until the flattens out at a high gain with a magnitude shown in Equation 2.
1+CTOTCF
(2)
where
• CTOT is the total input capacitance of the amplifier (includes photodetector capacitance and the common-
mode and differential input capacitance of the amplifier)
• CF is the feedback capacitance of the amplifier
A decompensated amplifier allows for benefits such as increased open loop gain, increased bandwidth,
increased slew rate, and lower input-referred noise for the same quiescent current relative to the unity gain
stable counterpart.
Similar to the concept described in Section 9.2.1.2, the rise time and the internal capacitance of the
photodetector determines the closed-loop bandwidth. Both the closed-loop bandwidth and the transimpedance
gain (RF) determine the necessary gain bandwidth (GBWP) of the amplifier. Table 9-1 shows the standard
photodiode characteristics based on type of photodetector. Target values such as the system bandwidth and
gain are calculated using these concepts with the chosen photodiode characteristics. Detailed explanations and
equations can be found in the application reports discussed in Section 9.2.1.2.
www.ti.com
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com