Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA855
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments OPA855 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
8.3.4 Slew Rate and Output Stage
In addition to wide bandwidth, the OPA855 features a high slew rate of 2750 V/µs. The slew rate is a
critical parameter in high-speed pulse applications with narrow sub-10-ns pulses, such as optical time-domain
reflectometry (OTDR) and LIDAR. The high slew rate of the OPA855 implies that the device accurately
reproduces a 2-V, sub-ns pulse edge; see also Figure 6-20. The wide bandwidth and slew rate make the
OPA855 an excellent amplifier for high-speed signal-chain front ends.
Figure 8-7 shows the open-loop output impedance of the OPA855 as a function of frequency. To achieve
high slew rates and low output impedance across frequency, the output swing of the OPA855 is limited to
approximately 3 V. The OPA855 is typically used in conjunction with high-speed pipeline ADCs and flash ADCs
that have limited input ranges. Therefore, the OPA855 output swing range coupled with the class-leading voltage
noise specification maximizes the overall dynamic range of the signal chain.
Frequency (Hz)
0
2
4
6
8
10
12
14
16
18
20
10k
100k
1M
10M
100M
1G
10G
D601
Figure 8-7. Open-Loop Output Impedance (ZOL) vs Frequency
www.ti.com
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com