Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 30 Page - Texas Instruments

Part # OPA855
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 26Page - Texas Instruments OPA855 Datasheet HTML 27Page - Texas Instruments OPA855 Datasheet HTML 28Page - Texas Instruments OPA855 Datasheet HTML 29Page - Texas Instruments OPA855 Datasheet HTML 30Page - Texas Instruments OPA855 Datasheet HTML 31Page - Texas Instruments OPA855 Datasheet HTML 32Page - Texas Instruments OPA855 Datasheet HTML 33Page - Texas Instruments OPA855 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
When configuring the OPA855 as a transimpedance amplifier, take care to minimize the inductance between the
avalanche photodiode (APD) and the amplifier. Always place the photodiode on the same side of the PCB as
the amplifier. Placing the amplifier and the APD on opposite sides of the PCB increases the parasitic effects
due to via inductance. APD packaging can be quite large, which often requires the APD to be placed further
away from the amplifier than ideal. Figure 9-13 shows that the added distance between the two device results in
increased inductance between the APD and op amp feedback network. The added inductance is detrimental to
a decompensated amplifiers stability because this inductance isolates the APD capacitance from the noise-gain
transfer function. The noise gain is given by Equation 3. The added PCB trace inductance between the feedback
network increases the denominator in Equation 3 thereby reducing the noise gain and the phase margin. In
cases where a leaded APD in a TO-can package is used, further minimize inductance by cutting the leads of the
TO-can package as short as possible.
Noise Gain= 1+ ZFZIN
(3)
where
• ZF is the total impedance of the feedback network.
• ZIN is the total impedance of the input network.
The layout shown in Figure 9-13 is improved by following some of the guidelines in Figure 9-14. The two key
rules to follow are:
1. Add an isolation resistor RISO as close as possible to the inverting input of the amplifier. Select the value
of RISO to be between 10 Ω and 20 Ω. The resistor dampens the potential resonance caused by the trace
inductance and the amplifiers internal capacitance.
2. Close the loop between the feedback elements (RF and CF) and RISO as close to the APD pins as possible.
This closure provides a more balanced layout and reduces the inductive isolation between the APD and the
feedback network.
Vbias
CF
1
FB
8
PD
2
NC
7 VS+
3
IN±
6 OUT
4
IN+
5 VS±
Thermal
Pad
APD
Package
Trace inductance isolates
APD capacitance from the
amplifier noise gain
RF
Figure 9-13. Non-Ideal TIA Layout
Vbias
Place RISO close to IN±
Close the loop close
to APD pins
1
FB
8
PD
2
NC
7 VS+
3
IN±
6 OUT
4
IN+
5 VS±
Thermal
Pad
APD
Package
CF
RF
RISO
Figure 9-14. Improved TIA Layout
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com