Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA855
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 12Page - Texas Instruments OPA855 Datasheet HTML 13Page - Texas Instruments OPA855 Datasheet HTML 14Page - Texas Instruments OPA855 Datasheet HTML 15Page - Texas Instruments OPA855 Datasheet HTML 16Page - Texas Instruments OPA855 Datasheet HTML 17Page - Texas Instruments OPA855 Datasheet HTML 18Page - Texas Instruments OPA855 Datasheet HTML 19Page - Texas Instruments OPA855 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
8 Detailed Description
8.1 Overview
The ultra-wide, 8-GHz gain bandwidth product (GBWP) of the OPA855, combined with the broadband voltage
noise of 0.98 nV/√Hz, produces a viable amplifier for wideband transimpedance applications, high-speed data
acquisition systems, and applications with weak signal inputs that require low-noise and high-gain front ends.
The OPA855 combines multiple features to optimize dynamic performance. In addition to the wide, small-signal
bandwidth, the OPA855 has 850 MHz of large-signal bandwidth (2 VPP), and a slew rate of 2750 V/µs, making
the device a viable option for high-speed pulsed applications.
8.2 Functional Block Diagram
The OPA855 is a classic voltage-feedback operational amplifier (op amp) with two high-impedance inputs and
a low-impedance output. Standard application circuits are supported, such as the two basic options in Figure
8-1 and Figure 8-2. The resistor on the noninverting pin is used for bias current cancellation to minimize the
output offset voltage. In a noninverting configuration, the additional resistors on the noninverting pin add noise
to the system; therefore, if SNR is critical, the resistor can be eliminated. In an inverting configuration, the
noninverting node is typically connected to a dc voltage; therefore, the high-frequency noise contribution from
the bias cancellation resistor can be bypassed by adding a large 1-µF capacitor in parallel to the resistor to
shunt the noise. The dc operating point for each configuration is level-shifted by the reference voltage (VREF),
which is typically set to midsupply in single-supply operation. VREF is typically connected to ground in split-supply
applications.
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1+RF/RG)×VSIG
VOUT
VS+
VS±
RF || RG
Figure 8-1. Noninverting Amplifier
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
±(RF/RG)×VSIG
VOUT
VS+
VS±
RF || RG
Figure 8-2. Inverting Amplifier
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com