Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPA855
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 20Page - Texas Instruments OPA855 Datasheet HTML 21Page - Texas Instruments OPA855 Datasheet HTML 22Page - Texas Instruments OPA855 Datasheet HTML 23Page - Texas Instruments OPA855 Datasheet HTML 24Page - Texas Instruments OPA855 Datasheet HTML 25Page - Texas Instruments OPA855 Datasheet HTML 26Page - Texas Instruments OPA855 Datasheet HTML 27Page - Texas Instruments OPA855 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
OPA855 offers 8 GHz of gain bandwidth, high slew-rate, and low noise which makes this device an excellent for
a wide range of photodetectors. Figure 9-5 shows the OPA855 configured as a transimpedance amplifier (TIA) in
a wide-bandwidth, optical front-end system. Various types of optical sensors can be used as an optical input to
the amplifier: photodiode (PD), avalanche photodiode (APD), photomultiplier tube (PMT), and multipixel photon
counter (MPPC) or known as solid-state photomultiplier (SiPM). Optical detection applications have commonly
used APDs, but ultra-low light source detection has been a challenge in past options. With technologies such
as PMTs and MPPCs, the high intrinsic gain, while maintaining a fast output, requires a low noise, high-speed
interface. The OPA855 can accommodate for these optical challenges and can work equally as well in these
applications.
+
–
RF
CF
VBIAS
VOUT
Geiger-Mode
APD
RQ
Cathode
Anode
GND
Anode
PMT
PIN/
APD
SiPM/MPPC
Photoelectron
Dynode
Dynode
Figure 9-5. Transimpedance Amplifier With APD or SiPM/MPPC or PMT Inputs
Transimpedance applications require low voltage and current noise for an excellent system performance. As a
result of the high input impedance structure, the OPA855 has a great balance between low input-referred voltage
noise and current noise that is consistent over frequency. Overall, the amplifier noise must have minimal impact
to the total noise of the application. Examine the total input referred noise to the optical sensor.
Noise sources in optical sensors vary especially when introducing gain and photon paralleling. Optical power,
gain, and applied reverse bias are the main characteristics that can affect signal to noise ratio. Standard
photodiodes contribute the lowest noise at the highest quantum efficiency. Internal to photodiodes, noises
sources include shot and thermal. Shot noise is a random occurrence of photodetection which arises in periods
of both light and dark. Dark current is noise that occurs in the absence of an optical source which can be
included with shot noise. And, thermal noise originates from the shunt resistance internal to the diode. At the
lower signal levels, shot noise can dominate. Figure 9-6 shows an example of the noise sources present in
a transimpedance amplifier circuit. The total TIA noise is the root sum square of each component within the
system: photodiode noise, amplifier current noise, amplifier voltage noise, and feedback resistor noise.
iN_Amp
VN_Amp
VOUT
RF
VN_R
iN_D
CD
CF
RD
VBIAS
+
–
*
*
*
*
Figure 9-6. Photodiode and TIA Noise Model
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com