Electronic Components Datasheet Search
  English  ▼

X  

OPA855 Datasheet(PDF) 29 Page - Texas Instruments

Part # OPA855
Description  OPA855 8GHz Gain Bandwidth Product, Gain of 7V/V Stable, Bipolar Input Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA855 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA855 Datasheet HTML 25Page - Texas Instruments OPA855 Datasheet HTML 26Page - Texas Instruments OPA855 Datasheet HTML 27Page - Texas Instruments OPA855 Datasheet HTML 28Page - Texas Instruments OPA855 Datasheet HTML 29Page - Texas Instruments OPA855 Datasheet HTML 30Page - Texas Instruments OPA855 Datasheet HTML 31Page - Texas Instruments OPA855 Datasheet HTML 32Page - Texas Instruments OPA855 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
9.4 Layout
9.4.1 Layout Guidelines
Achieving optimum performance with a high-frequency amplifier like the OPA855 requires careful attention to
board layout parasitics and external component types. Recommendations that optimize performance include:
• Minimize parasitic capacitance from the signal I/O pins to ac ground. Parasitic capacitance on the
output and inverting input pins can cause instability. To reduce unwanted capacitance, cut out the power and
ground traces under the signal input and output pins. Otherwise, ground and power planes must be unbroken
elsewhere on the board. When configuring the amplifier as a TIA, if the required feedback capacitor is less
than 0.15 pF, consider using two series resistors, each of half the value of a single resistor in the feedback
loop to minimize the parasitic capacitance from the resistor.
• Minimize the distance (less than 0.25-in) from the power-supply pins to high-frequency bypass
capacitors. Use high-quality, 100-pF to 0.1-µF, C0G and NPO-type decoupling capacitors with voltage
ratings at least three times greater than the amplifiers maximum power supplies. This configuration makes
sure that there is a low-impedance path to the amplifiers power-supply pins across the amplifiers gain
bandwidth specification. At the device pins, do not allow the ground and power plane layout to be in close
proximity to the signal I/O pins. Avoid narrow power and ground traces to minimize inductance between the
pins and the decoupling capacitors. The power-supply connections must always be decoupled with these
capacitors. Larger (2.2-µF to 6.8-µF) decoupling capacitors that are effective at lower frequency must be
used on the supply pins. Place these decoupling capacitors further from the device. Share the decoupling
capacitors among several devices in the same area of the printed circuit board (PCB).
• Careful selection and placement of external components preserves the high-frequency performance
of the OPA855. Use low-reactance resistors. Surface-mount resistors work best and allow a tighter overall
layout. Never use wire-wound resistors in a high-frequency application. Because the output pin and inverting
input pin are the most sensitive to parasitic capacitance, always position the feedback and series output
resistor, if any, as close to the output pin as possible. Place other network components (such as noninverting
input termination resistors) close to the package. Even with a low parasitic capacitance shunting the
external resistors, high resistor values create significant time constants that can degrade performance. When
configuring the OPA855 as a voltage amplifier, keep resistor values as low as possible and consistent
with load driving considerations. Decreasing the resistor values keeps the resistor noise terms low and
minimizes the effect of the parasitic capacitance. However, lower resistor values increase the dynamic power
consumption because RF and RG become part of the output load network of the amplifier.
9.4.2 Layout Example
Place gain and feedback resistors
close to pins to minimize stray
capacitance
Place bypass capacitor
close to power pins
Connect the thermal pad to the
negative supply pin
1
8
2
7
3
6
4
5
CBYP
RF
RG
RS
CBYP
Thermal
Pad
Connect PD to VS+ to enable the
amplifier
NC (Pin 2) isolates the IN- and FB
pins thereby reducing capacitive
coupling
Ground and power plane removed
from inner layers. Ground fill on
outer layers also removed
Ground and power plane exist on
inner layers.
CBYP
RF
RG
+
±
VS-
CBYP
VS+
Representative schematic
RS
Figure 9-12. Layout Recommendation
www.ti.com
OPA855
SBOS622D – JULY 2018 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com