Electronic Components Datasheet Search
  English  ▼

X  

PCM4222 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM4222
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4222 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM4222 Datasheet HTML 20Page - Texas Instruments PCM4222 Datasheet HTML 21Page - Texas Instruments PCM4222 Datasheet HTML 22Page - Texas Instruments PCM4222 Datasheet HTML 23Page - Texas Instruments PCM4222 Datasheet HTML 24Page - Texas Instruments PCM4222 Datasheet HTML 25Page - Texas Instruments PCM4222 Datasheet HTML 26Page - Texas Instruments PCM4222 Datasheet HTML 27Page - Texas Instruments PCM4222 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
www.ti.com
NormalMode
LRCK
L
Sub-frame0 Sub-frame1
OneFrame,1/f
S
Sub-frame2 Sub-frame3
R
L
R
L
R
L
R
L
Sub-frame0 Sub-frame1
OneFrame,1/f
S
OneFrame,1/f
S
Sub-frame0 Sub-frame1
R
L
R
L
R
L
R
L
OneFrame OneFrame
1/f
S
1/f
S
1/f
S
1/f
S
OneFrame OneFrame
R
L
R
L
R
L
R
DATA
LRCK
DATA
LRCK
DATA
DoubleSpeedMode
QuadSpeedMode
DIGITAL DECIMATION FILTER
DIGITAL HIGH-PASS FILTER
PCM4222
SBAS399A – OCTOBER 2006 – REVISED MARCH 2007
Each L or R channel time slot is 32-bits long, with 24-bit data Left-Justified in the time slot. Audio data is MSB first.
Sub-frame assignments for each PCM4222 device are selected by the corresponding SUB0 and SUB1 pin settings.
Figure 45. TDM Data Formats: Master Mode
The PCM4222 digital decimation filter is a linear phase, multistage finite impulse response (FIR) design with two
user-selectable filter responses. The decimation filter provides the digital downsampling and low-pass anti-alias
filter functions for the PCM4222.
The Classic filter response is typical of traditional audio data converters, with Figure 26 through Figure 29
detailing the frequency response, and the related specifications given in the Electrical Characteristics table. The
group delay for the Classic filter is 39/fS, or 812.5µs for fS = 48kHz and 406.25µs for fS = 96kHz. The Classic
filter response is not available for the Quad Speed sampling mode.
The Low Group Delay response provides a lower latency option for the decimation filter, and is detailed in
Figure 30 through Figure 33, with the relevant specifications given in the Electrical Characteristics table. The
Low Group Delay filter response is available for all sampling modes. The group delay for this filter is 21/fS, or
437.5
µs for f
S = 48kHz, 218.75µs for fS = 96kHz, and 109.375µs for fS = 192kHz.
The decimation filter response is selected using the DF input (pin 21), with the settings summarized in Table 5.
For Quad Speed sampling mode operation, the Low Group Delay filter is always selected, regardless of the DF
pin setting.
Table 5. Decimation Filter Response Selection
DF (pin 21)
DECIMATION FILTER RESPONSE
LO
Classic response, with group delay = 39/fS
HI
Low Group Delay response, with group delay = 21/fS
The PCM4222 incorporates digital high-pass filters for both the left and right audio channels, with the purpose of
removing the
∆Σ modulator dc offset from the audio output data. Figure 34 and Figure 35 detail the frequency
response for the digital high-pass filter. The f–3dB frequency is approximately fS/48000, where fS is the PCM
output sampling rate.
Two inputs, HPFDR (pin 17) and HPFDL (pin 18), allow the digital high-pass filter to be enabled or disabled
individually for the right and left channels, respectively. Table 6 summarizes the operation of the high-pass filter
disable pins.
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com