Electronic Components Datasheet Search
  English  ▼

X  

PCM4222 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM4222
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4222 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM4222 Datasheet HTML 9Page - Texas Instruments PCM4222 Datasheet HTML 10Page - Texas Instruments PCM4222 Datasheet HTML 11Page - Texas Instruments PCM4222 Datasheet HTML 12Page - Texas Instruments PCM4222 Datasheet HTML 13Page - Texas Instruments PCM4222 Datasheet HTML 14Page - Texas Instruments PCM4222 Datasheet HTML 15Page - Texas Instruments PCM4222 Datasheet HTML 16Page - Texas Instruments PCM4222 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
www.ti.com
Frequency(Hz)
0
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
1k
100
20
10k
20k
-0.2
f =48kHz
ClassicorLowGroupDelayResponse
High-PassFilterEnabled
InputAmplitude= 1dB
S
-
Frequency(Hz)
0
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
1k
100
20
10k
40k
-0.2
f =96kHz
ClassicorLowGroupDelayResponse
Enabled
InputAmplitude= 1dB
S
High-PassFilter
-
Frequency(Hz)
0
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
1k
100
20
10k
80k
-0.2
f =192kHz
High-PassFilterEnabled
InputAmplitude= 1dB
S
-
NormalizedFrequency(f )
S
50
0
-50
-100
-150
-200
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
NormalizedFrequency(f )
S
0
-100
-150
0.5
0.1
0
0.6
1.0
0.2
0.3
0.4
0.7
-50
0.8
0.9
NormalizedFrequency(f )
S
2
-1
-2
-4
0.25
0.05
0
0.30
0.50
0.10 0.15 0.20
0.35
0
1
0.40 0.45
-3
PCM4222
SBAS399A – OCTOBER 2006 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
FREQUENCY RESPONSE
FREQUENCY RESPONSE
(up to 20kHz)
(up to 40kHz)
Figure 23.
Figure 24.
FREQUENCY RESPONSE
DIGITAL DECIMATION FILTER, CLASSIC RESPONSE
(up to 80kHz)
Overall Frequency Response
Figure 25.
Figure 26.
DIGITAL DECIMATION FILTER, CLASSIC RESPONSE
DIGITAL DECIMATION FILTER, CLASSIC RESPONSE
Stop Band Detail
Passband Ripple Detail
Figure 27.
Figure 28.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com