Electronic Components Datasheet Search
  English  ▼

X  

PCM4222 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM4222
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4222 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM4222 Datasheet HTML 4Page - Texas Instruments PCM4222 Datasheet HTML 5Page - Texas Instruments PCM4222 Datasheet HTML 6Page - Texas Instruments PCM4222 Datasheet HTML 7Page - Texas Instruments PCM4222 Datasheet HTML 8Page - Texas Instruments PCM4222 Datasheet HTML 9Page - Texas Instruments PCM4222 Datasheet HTML 10Page - Texas Instruments PCM4222 Datasheet HTML 11Page - Texas Instruments PCM4222 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
www.ti.com
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
RST
MCKI
LRCK
BCK
DATA
VDD
DGND
DSDR
DSDL
DSDCLK
SUB0/WCKO
SUB1/MCKO
1
2
3
4
5
6
7
8
9
10
11
12
AGND
VINR
-
VINR+
VCC1
AGND
AGND
AGND
AGND
VCC2
VINL
-
VINL+
AGND
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
PCM4222
PCM4222
SBAS399A – OCTOBER 2006 – REVISED MARCH 2007
TQFP-64
Top View
PIN DESCRIPTIONS
NAME
PIN NUMBER
I/O
DESCRIPTION
AGND
1
Ground
Analog ground
VINR–
2
Input
Right channel inverting, 2.8VPP nominal full-scale
VINR+
3
Input
Right channel noninverting, 2.8VPP nominal full-scale
VCC1
4
Power
Analog supply, +4.0V nominal
AGND
5
Ground
Analog ground
AGND
6
Ground
Analog ground
AGND
7
Ground
Analog ground
AGND
8
Ground
Analog ground
VCC2
9
Power
Analog supply, +4.0V nominal
VINL–
10
Input
Left channel inverting, 2.8VPP nominal full-scale
VINL+
11
Input
Left channel noninverting, 2.8VPP nominal full-scale
AGND
12
Ground
Analog ground
VCOML
13
Output
Left channel common-mode voltage, (0.4875
× VCC2) nominal
REFGNDL
14
Ground
Left channel reference ground. Connect to analog ground.
VREFL
15
Output
Left channel reference output for decoupling purposes only.
PCMEN
16
Input
PCM output enable (active high)
HPFDR or MOD1
17
I/O
Right channel high-pass filter disable input (active high), or modulator Data output 1 (LSB) when
MODEN = high.
HPFDL or MOD2
18
I/O
Left channel high-pass filter disable input (active high), or modulator data output 2 when MODEN =
high.
FS0 or MOD3
19
I/O
PCM sampling mode selection input, or modulator data output 3 when MODEN = high.
FS1 or MOD4
20
I/O
PCM sampling mode selection input, or modulator data output 4 when MODEN = high.
DF or MOD5
21
I/O
Digital decimation filter response selection Input, or modulator data output 5 when MODEN = high.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com