Electronic Components Datasheet Search
  English  ▼

X  

PCM4222 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM4222
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4222 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM4222 Datasheet HTML 2Page - Texas Instruments PCM4222 Datasheet HTML 3Page - Texas Instruments PCM4222 Datasheet HTML 4Page - Texas Instruments PCM4222 Datasheet HTML 5Page - Texas Instruments PCM4222 Datasheet HTML 6Page - Texas Instruments PCM4222 Datasheet HTML 7Page - Texas Instruments PCM4222 Datasheet HTML 8Page - Texas Instruments PCM4222 Datasheet HTML 9Page - Texas Instruments PCM4222 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: AUDIO INTERFACE TIMING
PCM4222
SBAS399A – OCTOBER 2006 – REVISED MARCH 2007
All specifications are at TA = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
PCM4222
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AUDIO SERIAL PORT (PCM OUTPUT)
LRCK period, tLRCKP
All data formats
4.62
125
µs
LRCK high/low time, tLRCKHL
0.45
× t
LRCKP
0.55
× t
LRCKP
µs
Left-Justified and I2S data formats
LRCK high/low time, tLRCKHL
TDM data formats
0.45
× t
LRCKP
0.55
× t
LRCKP
µs
BCK period, tBCKP
Left-Justified and I2S data formats
Normal sampling
tLRCKP/128
ns
Double Speed sampling
tLRCKP/64
ns
Quad Speed sampling
tLRCKP/64
ns
BCK period, tBCKP
TDM data formats
Normal sampling
tLRCKP/256
ns
Double Speed sampling
tLRCKP/128
ns
Quad Speed sampling
tLRCKP/64
ns
BCK high/low time, tBCKHL
All data formats
0.45
× t
BCKP
0.55
× t
BCKP
ns
Data output delay, tDO
All data formats
10
ns
DSD OUTPUT
DSDCLK period, tDSDCLKP
64x output rate
289
1954
ns
128x output rate
144.5
977
ns
DSDCLK high/low time, tDSDCLKHL
0.45
× t
DSDCLKP
0.55
× t
DSDCLKP
ns
Data output delay, tDSDO
10
ns
MULTI-BIT MODULATOR OUTPUT
MCKI period, tMCKIP
72.3
488.3
ns
MCKI high/low time, tMCKIHL
0.45
× t
MCKIP
0.55
× t
MCKIP
ns
WCKO period, tWCKOP
144.5
977
ns
WCKO high/low time, tWCKOHL
0.45
× t
WCKOP
0.55
× t
WCKOP
ns
Data output delay, tMODO
15
ns
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com