Electronic Components Datasheet Search
  English  ▼

X  

PCM4222 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM4222
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4222 Datasheet(HTML) 1 Page - Texas Instruments

  PCM4222 Datasheet HTML 1Page - Texas Instruments PCM4222 Datasheet HTML 2Page - Texas Instruments PCM4222 Datasheet HTML 3Page - Texas Instruments PCM4222 Datasheet HTML 4Page - Texas Instruments PCM4222 Datasheet HTML 5Page - Texas Instruments PCM4222 Datasheet HTML 6Page - Texas Instruments PCM4222 Datasheet HTML 7Page - Texas Instruments PCM4222 Datasheet HTML 8Page - Texas Instruments PCM4222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
BurrBrown Products
from Texas Instruments
PCM4222
FEATURES
APPLICATIONS
PCM4222
SBAS399A – OCTOBER 2006 – REVISED MARCH 2007
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling
Multi-Bit Delta-Sigma Analog-to-Digital Converter
• Low Power Dissipation:
• Supports Linear PCM, 1-Bit Direct Stream
–
305mW typical for 48kHz sampling rate
Digital (DSD), and Multi-Bit Modulator Output
–
330mW typical for 96kHz sampling rate
Data
–
340mW typical for 192kHz sampling rate
–
Supports PCM Output Sampling Rates
• Linear Phase Digital Decimation Filtering
from 8kHz to 216kHz
–
Select from Classic or Low Group Delay
–
Choose from 64x or 128x Oversampled
Filter Responses
Output Rates for DSD
• Digital High-Pass Filtering Removes DC Offset
• Differential Voltage Inputs
–
Left and Right Channel Filters May Be
• On-Chip Voltage Reference Improves Power
Disabled Independently
Supply Noise Rejection
• PCM Audio Serial Port Interface
• Dynamic Performance: Multi-Bit Modulator
–
Master or Slave Mode Operation
Output with 6.144MHz Modulator Clock
–
Supports Left-Justified, I2S™, and TDM
–
6-Bit Modulator Data
Data Formats
–
Dynamic Range (–60dB input, A-weighted):
• PCM Output Word Length Reduction
124dB typical
• Overflow Indicators for the Left and Right
–
Dynamic Range (–60dB input, 20kHz
Channels
Bandwidth): 122dB typical
• Analog Power Supply:
–
Total Harmonic Distortion + Noise
+4.0V nominal
(–1dB input, 20kHz bandwidth): –108dB
• Digital Power Supply:
typical
+3.3V nominal
• Dynamic Performance: PCM Output with
• Power-Down Mode: 4mW typical
24-Bit Word Length
• Package: TQFP-48, RoHS compliant
–
Dynamic Range (–60dB input, A-weighted):
123dB typical
–
Dynamic Range (–60dB input, 20kHz
• Digital Audio Recorders and
bandwidth): 121dB typical
Mixing Desks
–
Total Harmonic Distortion + Noise
• Digital Live Sound Consoles
(–1dB input, 20kHz bandwidth): –108dB
• Digital Audio Effects Processors
typical
• Surround Sound Encoders
• Dynamic Performance: DSD Output with
• Broadcast Studio Equipment
5.6448MHz bit rate
• Audio Test and Measurement
–
Dynamic Range (–60dB input, 20kHz
• Sonar Systems
bandwidth): 121dB typical
• High-Performance Data Acquisition
–
Total Harmonic Distortion + Noise
(–1dB input, 20kHz bandwidth): –108dB
typical
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Windows is a registered trademark of Microsoft.
I2S is a trademark of NXP Semiconductors.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM4222

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4222 BURR-BROWN-PCM4222 Datasheet
910Kb / 38P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222 BURR-BROWN-PCM4222 Datasheet
913Kb / 40P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222PFB BURR-BROWN-PCM4222PFB Datasheet
910Kb / 38P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222PFB BURR-BROWN-PCM4222PFB Datasheet
913Kb / 40P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222PFBG4 BURR-BROWN-PCM4222PFBG4 Datasheet
913Kb / 40P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
More results

Similar Description - PCM4222

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1604 BURR-BROWN-PCM1604 Datasheet
263Kb / 32P
24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
PCM4204 BURR-BROWN-PCM4204 Datasheet
554Kb / 34P
HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
PCM4108 TI-PCM4108 Datasheet
551Kb / 39P
HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM4222 BURR-BROWN-PCM4222 Datasheet
910Kb / 38P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222 BURR-BROWN-PCM4222_07 Datasheet
913Kb / 40P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Texas Instruments
PCM4220 TI-PCM4220 Datasheet
945Kb / 34P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4220 TI-PCM4220_15 Datasheet
929Kb / 37P
High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com