Electronic Components Datasheet Search
  English  ▼

X  

PCM4222 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM4222
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4222 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM4222 Datasheet HTML 28Page - Texas Instruments PCM4222 Datasheet HTML 29Page - Texas Instruments PCM4222 Datasheet HTML 30Page - Texas Instruments PCM4222 Datasheet HTML 31Page - Texas Instruments PCM4222 Datasheet HTML 32Page - Texas Instruments PCM4222 Datasheet HTML 33Page - Texas Instruments PCM4222 Datasheet HTML 34Page - Texas Instruments PCM4222 Datasheet HTML 35Page - Texas Instruments PCM4222 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
www.ti.com
560W
40.2W
40.2W
270W
270W
1nF
1nF
100nF
VINL orVINR
-
-
VINL orVINR+
+
C
1
+
+
560W
C
2
U2
2.7nF
U1
VCOML
or
VCOMR
INPUT+
INPUT-
U1,U2=NE5534A,OPA227,orsimilar
R W
1
10kW
10kW
40.2W
40.2W
1.5kW
1.5kW
1nF
1nF
VINL
+
+ orVINR
VINL
-
- orVINR
C
1
+
+
R W
2
C
2
U2
2.7nF
U3
U1
INPUT+
INPUT-
VCOML
or
VCOMR
U1,U2=NE5534A,OPA227,orsimilar.
U3=OPA227orequivalent.
PCM4222
SBAS399A – OCTOBER 2006 – REVISED MARCH 2007
C1 and C2 provide ac coupling. They may be removed if the dc offset from the preceeding circuit is negligible.
Figure 51. Alternative Buffer Circuit Using Standard Op Amps
R1 and R2 are optional. When used, values may be selected for the desired attenuation.
C1 and C2 provide ac coupling. They may be removed if the dc offset from the preceeding circuit is negligible.
Figure 52. Noninverting Differential Input Buffer Utilizing Standard Op Amps
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com