Electronic Components Datasheet Search
  English  ▼

X  

PCM4222 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM4222
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4222 Datasheet(HTML) 5 Page - Texas Instruments

  PCM4222 Datasheet HTML 1Page - Texas Instruments PCM4222 Datasheet HTML 2Page - Texas Instruments PCM4222 Datasheet HTML 3Page - Texas Instruments PCM4222 Datasheet HTML 4Page - Texas Instruments PCM4222 Datasheet HTML 5Page - Texas Instruments PCM4222 Datasheet HTML 6Page - Texas Instruments PCM4222 Datasheet HTML 7Page - Texas Instruments PCM4222 Datasheet HTML 8Page - Texas Instruments PCM4222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: ANALOG INPUTS, OUTPUTS, AND DC ERROR
ELECTRICAL CHARACTERISTICS: POWER SUPPLIES
PCM4222
SBAS399A – OCTOBER 2006 – REVISED MARCH 2007
All specifications are at TA = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
PCM4222
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUTS
Applies to VINL+, VINL–, VINR+, and VINR–
Full-scale input range
Differential input
5.6
VPP
Per input pin
2.8
VPP
Input impedance
Per input pin
2.8
k
Ω
Common-mode rejection
100
dB
ANALOG OUTPUTS
Common-mode output, left channel
Measured from VCOML (pin 13) to AGND
0.4875
×
V
VCC2
Common-mode output, right channel
Measured from VCOMR (pin 48) to AGND
0.4875
×
V
VCC1
Common-mode output current
Applies to VCOML or VCOMR
200
µA
DC ERROR
Output offset error
Digital high-pass filter disabled
3
mV
Offset drift
Digital high-pass filter disabled
3.5
µV/°C
All specifications are at TA = +25°C, VCC1 = VCC2 = +4.0V, VDD = +3.3V, and MCKI = 12.288MHz, unless otherwise noted.
PCM4222
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Recommended supply voltage range
VCC1, VCC2
0
°C < T
A ≤ +85°C
+3.8
+4.0
+4.2
V
VCC1, VCC2
–40
°C ≤ T
A ≤ 0°C
+3.9
+4.0
+4.2
V
VDD
–40
°C ≤ T
A ≤ +85°C
+2.4
+3.3
+3.6
V
Supply current: power-down
RST (pin 36) held low with no clocks applied
ICC1 + ICC2
VCC1 = VCC2 = +4.0V
600
µA
IDD
VDD = +3.3V
325
µA
Supply current: fS = 48kHz
ICC1 + ICC2
VCC1 = VCC2 = +4.0V
65
75
mA
IDD
VDD = +3.3V
14
18
mA
Supply current: fS = 96kHz
ICC1 + ICC2
VCC1 = VCC2 = +4.0V
65
mA
IDD
VDD = +3.3V
21
mA
Supply current: fS = 192kHz
ICC1 + ICC2
VCC1 = VCC2 = +4.0V
65
mA
IDD
VDD = +3.3V
24
mA
Total power dissipation: power-down
3.5
mW
Total power dissipation: fS = 48kHz
305
360
mW
Total power dissipation: fS = 96kHz
330
mW
Total power dissipation: fS = 192kHz
340
mW
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com