Electronic Components Datasheet Search
  English  ▼

X  

SN65DP141 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65DP141
Description  SN65DP141 DisplayPort Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP141 Datasheet(HTML) 2 Page - Texas Instruments

  SN65DP141 Datasheet HTML 1Page - Texas Instruments SN65DP141 Datasheet HTML 2Page - Texas Instruments SN65DP141 Datasheet HTML 3Page - Texas Instruments SN65DP141 Datasheet HTML 4Page - Texas Instruments SN65DP141 Datasheet HTML 5Page - Texas Instruments SN65DP141 Datasheet HTML 6Page - Texas Instruments SN65DP141 Datasheet HTML 7Page - Texas Instruments SN65DP141 Datasheet HTML 8Page - Texas Instruments SN65DP141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................6
6.5 Electrical Characteristics.............................................6
6.6 Switching Characteristics............................................7
6.7 Switching Characteristics, I2C Interface......................8
6.8 Typical Characteristics................................................ 9
7 Parameter Measurement Information.......................... 10
8 Detailed Description......................................................14
8.1 Overview................................................................... 14
8.2 Functional Block Diagram......................................... 14
8.3 Feature Description...................................................15
8.4 Device Functional Modes..........................................16
8.5 Register Maps...........................................................17
9 Application and Implementation.................................. 23
9.1 Application Information............................................. 23
9.2 Typical Application.................................................... 23
10 Power Supply Recommendations..............................25
11 Layout........................................................................... 26
11.1 Layout Guidelines................................................... 26
11.2 Layout Example...................................................... 27
12 Device and Documentation Support..........................28
12.1 Receiving Notification of Documentation Updates..28
12.2 Support Resources................................................. 28
12.3 Trademarks.............................................................28
12.4 Electrostatic Discharge Caution..............................28
12.5 Glossary..................................................................28
13 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (September 2021) to Revision C (December 2021)
Page
• Changed the I2C_EN pin Type from internal pull-up to internal pull-down ........................................................ 3
Changes from Revision A (October 2016) to Revision B (September 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Updated the features from: Supports VESA DisplayPort 1.3, and eDP 1.4. to: Supports VESA DisplayPort
1.4a, 2.0, and eDP 1.4........................................................................................................................................1
• Updated the features from: including DisplayPort RBR, HBR, HBR2, and HBR3 to: including DisplayPort
RBR, HBR, HBR2, HBR3, and UHBR10............................................................................................................ 1
• Updated the DP bit rates from: RBR to HBR3 (1.6 Gbps, 2.7 Gbps, 5.4 Gbps and 8.1 Gbps ... to: RBR to
UHBR10 (1.6 Gbps, 2.7 Gbps, 5.4 Gbps, 8.1 Gbps and 10.0 Gbps … in the Overview section......................14
• Updated Operating data rate from HBR3 (8.1 Gbps) to UHBR10 (10 Gbps)................................................... 23
Changes from Revision * (February 2016) to Revision A (October 2016)
Page
• Replaced Figure 9-2 ........................................................................................................................................ 24
SN65DP141
SLLSES6C – FEBRUARY 2016 – REVISED DECEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN65DP141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com