Electronic Components Datasheet Search
  English  ▼

X  

SN65DP141 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65DP141
Description  SN65DP141 DisplayPort Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP141 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65DP141 Datasheet HTML 4Page - Texas Instruments SN65DP141 Datasheet HTML 5Page - Texas Instruments SN65DP141 Datasheet HTML 6Page - Texas Instruments SN65DP141 Datasheet HTML 7Page - Texas Instruments SN65DP141 Datasheet HTML 8Page - Texas Instruments SN65DP141 Datasheet HTML 9Page - Texas Instruments SN65DP141 Datasheet HTML 10Page - Texas Instruments SN65DP141 Datasheet HTML 11Page - Texas Instruments SN65DP141 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
6.7 Switching Characteristics, I2C Interface
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
fSCL
SCL clock frequency
400
KHz
tBUF
Bus free time between START and STOP conditions
1.3
µs
tHDSTA
"Hold time after repeated START condition.
After this period, the first clock pulse is generated
0.6
µs
tLOW
Low period of the SCL clock
1.3
µs
tHIGH
High period of the SCL clock
0.6
µs
tSUSTA
Setup time for a repeated START condition
0.6
µs
tHDDAT
Data HOLD time
0
µs
tSUDAT
Data setup time
100
µs
tR
Rise time of both SDA and SCL signals
300
µs
tF
Fall time of both SDA and SCL signals
300
µs
tSUSTO
Setup time for STOP condition
0.6
µs
SN65DP141
SLLSES6C – FEBRUARY 2016 – REVISED DECEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN65DP141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com