Electronic Components Datasheet Search
  English  ▼

X  

SN65DP141 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65DP141
Description  SN65DP141 DisplayPort Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP141 Datasheet(HTML) 1 Page - Texas Instruments

  SN65DP141 Datasheet HTML 1Page - Texas Instruments SN65DP141 Datasheet HTML 2Page - Texas Instruments SN65DP141 Datasheet HTML 3Page - Texas Instruments SN65DP141 Datasheet HTML 4Page - Texas Instruments SN65DP141 Datasheet HTML 5Page - Texas Instruments SN65DP141 Datasheet HTML 6Page - Texas Instruments SN65DP141 Datasheet HTML 7Page - Texas Instruments SN65DP141 Datasheet HTML 8Page - Texas Instruments SN65DP141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SN65DP141 DisplayPort Linear Redriver
1 Features
• Supports VESA DisplayPort 1.4a,
2.0, and eDP 1.4
• Quad channel linear redriver supporting data rates
up to 12 Gbps including DisplayPort RBR, HBR,
HBR2, HBR3, and UHBR10
• Protocol agnostic
• Transparent to DP link training
• Position independent on the link suitable for
source, sink, and cable applications
• 15-dB analog equalization at 6 GHz
• Output linear dynamic range: 1200 mV
• Bandwidth: >20 GHz
• Better than 16-dB return loss at 6 GHz
• 2.5-V or 3.3-V ±5% single power supply option
• Low power consumption with 80 mW per channel
at 2.5 V VCC
• GPIO or I2C control
2 Applications
• Tablets
• Notebooks
• Desktops
• Docking stations
3 Description
The SN65DP141 is an asynchronous, protocol-
agnostic, low latency, four-channel linear equalizer
optimized for use up to 12 Gbps and compensates
for losses due to board traces and cables.
The device is transparent to DisplayPort (DP) link
training such a way that a DP source and a sink can
perform effective link training overcoming traditional
aux snooping re-drivers’ shortcomings. Additionally,
the device is position independent. It can be placed
inside source, cable or sink effectively providing a
negative loss component to the overall link budget.
Linear equalization inside SN65DP141 also increases
link margin when used with a receiver implementing
Decision Feedback Equalization (DFE).
SN65DP141 allows independent channel control for
equalization, gain, dynamic range using both I2C and
GPIO configurations.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN65DP141
WQFN (38)
7.00 mm × 5.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
.
.
GPU
DP141
OUTP0
HPD
ML0
x
GPU
x
DP141
x
DP141
DP0
AUXp
DP1
DP2
DP3
HPD
AUXn
OUTP1
OUTP2
OUTP3
ML1
ML2
ML3
AUXp
AUXn
Copyright © 2016, Texas Instruments Incorporated
Simplified Schematic
SN65DP141
SLLSES6C – FEBRUARY 2016 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN65DP141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
SN65DP141RLJR TI1-SN65DP141RLJR Datasheet
920Kb / 32P
DisplayPort Linear Redriver
SN65DP141RLJT TI1-SN65DP141RLJT Datasheet
920Kb / 32P
DisplayPort Linear Redriver
More results

Similar Description - SN65DP141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Diodes Incorporated
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com