Electronic Components Datasheet Search
  English  ▼

X  

SN65DP141 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65DP141
Description  SN65DP141 DisplayPort Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP141 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65DP141 Datasheet HTML 3Page - Texas Instruments SN65DP141 Datasheet HTML 4Page - Texas Instruments SN65DP141 Datasheet HTML 5Page - Texas Instruments SN65DP141 Datasheet HTML 6Page - Texas Instruments SN65DP141 Datasheet HTML 7Page - Texas Instruments SN65DP141 Datasheet HTML 8Page - Texas Instruments SN65DP141 Datasheet HTML 9Page - Texas Instruments SN65DP141 Datasheet HTML 10Page - Texas Instruments SN65DP141 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CML OUTPUTS (OUT[3:0]_P, OUT[3:0]_N)
tR
Rise time (1)
Input signal with 30 ps rise time, 20% to 80%,
See Figure 7-3
31
ps
tF
Fall time (1)
Input signal with 30 ps fall time, 20% to 80%,
See Figure 7-3
32
ps
SDD22
Differential output return loss
6 GHz (12 Gbps)
-14
dB
4.05 GHz (HBR3, 8.1 Gbps)
–9.33
dB
4.05 GHz (HBR3, 8.1 Gbps)
–6.35
dB
1.35 GHz (HBR, 2.7Gbps)
–3.5
dB
tPLH
Low-to-high propagation delay
See Figure 7-2
65
ps
tPHL
High-to-low propagation delay
65
ps
tSK(O)
Inter-Pair (lane to lane) output skew (2) All outputs terminated with 100 Ω,
See Figure 7-4
8
ps
tSK(PP)
Part-to-part skew (3)
All outputs terminated with 100 Ω
50
ps
rOT
Single ended output resistance
Single ended on-chip termination to VCC,
Outputs are AC coupled
50
Ω
rOM
Output termination mismatch at 1 MHz
OM
rp - rn
rn
rp
r
2 x
x 100
§
·
¨
¸
'
¹
©
5%
Channel-to-channel isolation
Frequency at 6 GHz
35
45
dB
Output referred noise(4)
10 MHz to 6 GHz, No other noise source present,
VOD = LOW
400
µVRMS
10 MHz to 6 GHz, No other noise source present,
VOD = HIGH
500
µVRMS
EQUALIZATION
G
At 6 GHz input signal
Equalization Gain, EQ = MAX
15
dB
V(pre)
Output pre-cursor pre-emphasis
Input signal with 3.75 pre-cursor and measure it on
the output signal,
See Figure 7-5
3.75
dB
V(pst)
Output post-cursor pre-emphasis
Input signal with 12 dB post-cursor and measure it
on the output signal,
See Figure 7-5
12
dB
(1)
Rise and Fall measurements include board and channel effects of the test environment, refer to Figure 7-1 and Figure 7-3.
(2)
tSK(O) is the magnitude of the time difference between the channels.
(3)
tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same
(4)
All noise sources added.
www.ti.com
SN65DP141
SLLSES6C – FEBRUARY 2016 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN65DP141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com