Electronic Components Datasheet Search
  English  ▼

X  

SN65DP141 Datasheet(PDF) 26 Page - Texas Instruments

Part # SN65DP141
Description  SN65DP141 DisplayPort Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP141 Datasheet(HTML) 26 Page - Texas Instruments

Back Button SN65DP141 Datasheet HTML 22Page - Texas Instruments SN65DP141 Datasheet HTML 23Page - Texas Instruments SN65DP141 Datasheet HTML 24Page - Texas Instruments SN65DP141 Datasheet HTML 25Page - Texas Instruments SN65DP141 Datasheet HTML 26Page - Texas Instruments SN65DP141 Datasheet HTML 27Page - Texas Instruments SN65DP141 Datasheet HTML 28Page - Texas Instruments SN65DP141 Datasheet HTML 29Page - Texas Instruments SN65DP141 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
11 Layout
11.1 Layout Guidelines
• Placing a solid ground plane next to the high-speed signal layer establishes controlled impedance for
transmission line interconnects and provides an excellent low-inductance path for the return current flow.
• Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance.
• Routing the slower speed control signals on the bottom layer allows for greater flexibility as these signal links
usually have margin to tolerate discontinuities such as vias.
• If an additional supply voltage plane or signal layer is needed, add a second power/ground plane system to
the stack to keep it symmetrical. This makes the stack mechanically stable and prevents it from warping. Also
the power and ground plane of each power system can be placed closer together, thus increasing the high
frequency bypass capacitance significantly.
• The control pin pull-up and pull-down resistors are shown in application section for reference. If a high level is
needed then only uses the pull up. If a low level is needed only use the pull down.
• Place passive components within the signal path, such as source-matching resistors or ac-coupling
capacitors, next to each other. Routing as in case a) creates wider trace spacing than in b); the resulting
discontinuity, however, is limited to a far narrower area.
• When routing traces next to a via or between an array of vias, make sure that the via clearance section does
not interrupt the path of the return current on the ground plane below.
• Avoid metal layers and traces underneath or between the pads off the DisplayPort connectors for better
impedance matching. Otherwise they will cause the differential impedance to drop below 75 Ω and fail the
board during TDR testing.
• Use solid power and ground planes for 100 Ω impedance control and minimum power noise.
• For a multi-layer PCB, it is recommended to keep one common GND layer underneath the device and
connect all ground terminals directly to this plane. For 100 Ω differential impedance, use the smallest trace
spacing possible, which is usually specified by the PCB vendor.
• Keep the trace length as short as possible to minimize attenuation.
• Place bulk capacitors (that is, 10 μF) close to power sources, such as voltage regulators or where the power
is supplied to the PCB.
Layer 1:
Layer 2: Ground plane
Layer 3: Power plane
Layer 4: Control signal layer
5 to 10 mils
20 to 40 mils
5 to 10 mils
DP Signal layer
Figure 11-1. PCB Stack
SN65DP141
SLLSES6C – FEBRUARY 2016 – REVISED DECEMBER 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN65DP141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com