Electronic Components Datasheet Search
  English  ▼

X  

SN65DP141 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65DP141
Description  SN65DP141 DisplayPort Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP141 Datasheet(HTML) 3 Page - Texas Instruments

  SN65DP141 Datasheet HTML 1Page - Texas Instruments SN65DP141 Datasheet HTML 2Page - Texas Instruments SN65DP141 Datasheet HTML 3Page - Texas Instruments SN65DP141 Datasheet HTML 4Page - Texas Instruments SN65DP141 Datasheet HTML 5Page - Texas Instruments SN65DP141 Datasheet HTML 6Page - Texas Instruments SN65DP141 Datasheet HTML 7Page - Texas Instruments SN65DP141 Datasheet HTML 8Page - Texas Instruments SN65DP141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
5 Pin Configuration and Functions
Thermal
Pad
1
IN0_P
2
IN0_N
3
VCC
4
IN1_P
5
IN1_N
6
VCC
7
VCC
OUT0_P
8
IN2_P
9
IN2_N
OUT0_N
VCC
OUT1_P
OUT1_N
VCC
VCC
OUT2_P
OUT2_N
VCC
OUT3_P
OUT3_N
VCC
IN3_P
IN3_N
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
It is required for the thermal pad to be soldered to ground for better thermal performance.
Figure 5-1. RLJ Package 38 Pins (WQFN) Top View
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DIFFERENTIAL HIGH-SPEED I/O
IN0_P
1
I
Differential input, lane 0 (with 50 Ω termination to input common mode)
IN0_N
2
I
IN1_P
4
I
Differential input, lane 1 (with 50 Ω termination to input common mode)
IN1_N
5
I
IN2_P
8
I
Differential input, lane 2 (with 50 Ω termination to input common mode)
IN2_N
9
I
IN3_P
11
I
Differential input, lane 3 (with 50 Ω termination to input common mode)
IN3_N
12
I
OUT0_P
31
O
Differential output, lane 0
OUT0_N
30
O
OUT1_P
28
O
Differential output, lane 1
OUT1_N
27
O
OUT2_P
24
O
Differential output, lane 2
OUT2_N
23
O
OUT3_P
21
O
Differential output, lane 3
OUT3_N
20
O
www.ti.com
SN65DP141
SLLSES6C – FEBRUARY 2016 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN65DP141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com