Electronic Components Datasheet Search
  English  ▼

X  

SN65DP141 Datasheet(PDF) 20 Page - Texas Instruments

Part # SN65DP141
Description  SN65DP141 DisplayPort Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP141 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN65DP141 Datasheet HTML 16Page - Texas Instruments SN65DP141 Datasheet HTML 17Page - Texas Instruments SN65DP141 Datasheet HTML 18Page - Texas Instruments SN65DP141 Datasheet HTML 19Page - Texas Instruments SN65DP141 Datasheet HTML 20Page - Texas Instruments SN65DP141 Datasheet HTML 21Page - Texas Instruments SN65DP141 Datasheet HTML 22Page - Texas Instruments SN65DP141 Datasheet HTML 23Page - Texas Instruments SN65DP141 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
8.5.5 Register 0x05 (Channel 1 Control Settings) (offset = 00000000) [reset = 00000000]
Figure 8-6. Register 0x05 (Channel 1 Control Settings)
7
6
5
4
3
2
1
0
RSVD
EQ Setting<2>
EQ Setting<1>
EQ Setting<0>
TX_GAIN
EQ_DC_GAIN
RX_GAIN<1>
RX_GAIN<0>
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-8. Register 0x05 (Channel 1 Control Settings)
Bit
Field
Type
Reset
Description
7
RSVD
R/W
0
6
EQ Setting<2>
R/W
0
Equalizer adjustment setting:
000 = Minimum equalization setting
111 = Maximum equalization setting
5
EQ Setting<1>
R/W
0
4
EQ Setting<0>
R/W
0
3
TX_GAIN
R/W
0
Channel [1] TX_DC_GAIN control:
0 = Set 0 dB DC gain for transmitter
1 = Set 6 dB DC gain for transmitter
2
EQ_DC_GAIN
R/W
0
Channel [1] EQ DC gain:
0 = Set EQ DC gain to -6 dB
1 = Set EQ DC gain to -0 dB
1
RX_GAIN<1>
R/W
0
Equivalent to RX_GAIN control pin for channel [1].
00: RX_GAIN = Low
01: RX_GAIN = HiZ
11: RX_GAIN = High
0
RX_GAIN<0>
R/W
0
8.5.6 Register 0x06 (Channel 1 Enable Settings) (offset = 00000000) [reset = 00000000]
Figure 8-7. Register 0x06 (Channel 1 Enable Settings)
7
6
5
4
3
2
1
0
DRV_PEAK
EQ_EN
DRV_EN
R
R
R
R
R
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-9. Register 0x06 (Channel 1 Enable Settings)
Bit
Field
Type
Reset
Description
7
R
0
6
R
0
5
R
0
4
R
0
3
R
0
2
DRV_PEAK
R/W
0
Channel [1] driver peaking:
0 = Disables driver Peaking
1 = Enables driver 6 db AC Peaking
1
EQ_EN
R/W
0
Channel [1] EQ stage enable:
0 = Enable
1 = Disable
0
DRV_EN
R/W
0
Channel [1] driver stage enable:
0 = Enable
1 = Disable
SN65DP141
SLLSES6C – FEBRUARY 2016 – REVISED DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN65DP141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com