Electronic Components Datasheet Search
  English  ▼

X  

SN65DP141 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65DP141
Description  SN65DP141 DisplayPort Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65DP141 Datasheet(HTML) 5 Page - Texas Instruments

  SN65DP141 Datasheet HTML 1Page - Texas Instruments SN65DP141 Datasheet HTML 2Page - Texas Instruments SN65DP141 Datasheet HTML 3Page - Texas Instruments SN65DP141 Datasheet HTML 4Page - Texas Instruments SN65DP141 Datasheet HTML 5Page - Texas Instruments SN65DP141 Datasheet HTML 6Page - Texas Instruments SN65DP141 Datasheet HTML 7Page - Texas Instruments SN65DP141 Datasheet HTML 8Page - Texas Instruments SN65DP141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
Supply voltage range
VCC
–0.3
4
V
Differential voltage between INx_P and INx_N
VIN, DIFF
–2.5
2.5
V
Voltage at INx_P and INx_N,
VIN+, IN–
–0.5
VCC + 0.5
V
Voltage on control IO pins,VIO
–0.5
VCC + 0.5
V
Continuous current at high speed differential data
inputs(differential)
IN+, IN–
–25
25
mA
Continuous current at high speed differential data
outputs
IOUT+, IOUT–
–25
25
mA
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. .
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
DR
Operating data rate
12
Gbps
VCC
Supply voltage
2.375
2.5/3.3
3.465
V
TC
Junction temperature
–10
125
°C
TA
Operating free-air temperature
–40
85
°C
CMOS DC SPECIFICATIONS
VIH
Input high voltage
0.8 x VCC
V
V(MID)
Input middle voltage
VCC x 0.4
VCC x 0.6
V
VIL
Input low voltage
–0.5
0.2 x VCC
V
www.ti.com
SN65DP141
SLLSES6C – FEBRUARY 2016 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN65DP141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com