Electronic Components Datasheet Search
  English  ▼

X  

THS4541IRUNR.B Datasheet(PDF) 47 Page - Texas Instruments

Part # THS4541IRUNR.B
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541IRUNR.B Datasheet(HTML) 47 Page - Texas Instruments

Back Button THS4541IRUNR.B Datasheet HTML 43Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 44Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 45Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 46Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 47Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 48Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 49Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 50Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Rf1
402
Rg1
4.02 k
Rg2
4.02 k
THS4541 Wideband,
Fully-Differential Amplifier
Rf2
402
Gain of 0.1 V/V from Rg1,
Single-Ended to Differential,
DC-Coupled, Single Supply
R1
500
+
±
+
±
+
±
+
±
Vcc
Vcm
Vcc
5 V
Vcm
2.5 V
VM1
VG1
C3
1 pF
C1
1.7 pF
C2
1.7 pF
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
Figure 9-2. Compensated Attenuator Circuit Using the THS4541
The 1 pF across the inputs is really a total 1.85 pF, including the internal differential capacitance, and a Cs =
3.7 pF for a single-ended design from Equation 17.
These two designs (with and without the capacitors) were both bench tested and simulated using the THS4541
TINA model giving the results of Figure 9-3.
This method does a good job of flattening the response for what starts out as a low phase-margin attenuator
application. The simulation model does a very good job of predicting the peaking and showing the same
improvement with the external capacitors; both giving a flat, approximately 250-MHz, closed-loop bandwidth for
this gain of a 0.1-V/V design. In this example, the output noise begins to peak up (as a result of the noise-gain
shaping of the capacitors) above 70 MHz. Use postfiltering to minimize any increase in the integrated noise
using this technique. Using this solution to deliver an 8-VPP differential output to a successive approximation
register (SAR) ADC (using the 2.5-V Vocm shown), the circuit accepts up to ±40-V inputs, where the 4-kΩ input
Rg1 draws ±10 mA from the source.
9.2.1.3 Application Curve
Frequency (Hz)
-32
-29
-26
-23
-20
-17
-14
-11
1M
10M
100M
1G
D064
Bench without caps
Bench with caps
Sim without caps
Sim with caps
Figure 9-3. Attenuator Response Shapes with and without External Compensation
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com