Electronic Components Datasheet Search
  English  ▼

X  

THS4541IRUNR.B Datasheet(PDF) 49 Page - Texas Instruments

Part # THS4541IRUNR.B
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541IRUNR.B Datasheet(HTML) 49 Page - Texas Instruments

Back Button THS4541IRUNR.B Datasheet HTML 45Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 46Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 47Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 48Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 49Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 50Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 51Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 52Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
9.2.2.2 Detailed Design Procedure
The THS4541 provides a very flexible element for interfacing from a variety of sources to a wide range of ADCs.
Because all precision and high-speed ADCs require a differential input on a common-mode voltage, this design
is the primary application for the THS4541.
The THS4541 provides a simple interface to a wide variety of precision SAR, ΔΣ, or higher-speed pipeline
ADCs. To deliver the exceptional distortion at the output pins, considerably wider bandwidth than typically
required in the signal path to the ADC inputs is provided by the THS4541. For instance, the gain of 2 single-
ended to differential design example provides approximately a 500-MHz, small-signal bandwidth. Even if the
source signal is Nyquist bandlimited, this broad bandwidth can possibly integrate enough THS4541 noise to
degrade the SNR through the ADC if the broadband noise is not bandlimited between the amplifier and ADC.
Figure 9-4 shows an example DC-coupled, gain of 2 interface with a controlled, interstage-bandwidth filter
implemented on the demonstration board for the JESD digital-output interface, ADC34J22 (a 50-MSPS, quad,
12-bit ADC). This board uses is called the DEV-ADC34J22 ADC HSMC MODULE with complete documentation
at dallaslogic.com.
Designed for a DC-coupled 50Ω input match, this design starts with a 499-Ω feedback resistor, and provides
a gain of 2.35V/V to the THS4541 output pins. The third-order interstage, low-pass filter provides a 20-MHz
Bessel response with a 0.85 V/V insertion loss to the ADC, providing a net gain of 2 V/V from board edge to
the ADC inputs. Although the THS4541 can absorb overdrives, an external protection element is added using
the BAV99 low-capacitance device, shown in Figure 9-4. For DC-coupled testing, pins 1 and 2 are jumpered
together. When the source is an AC-coupled, 50-Ω source, pins 2 and 3 are jumpered to maintain differential
balance. FFT testing normally uses a bandpass filter into the board; an AC-coupled source. A typical 5-MHz,
full-scale, single-tone FFT is shown in Figure 9-5, where the jumper is placed from pins 2 to 3. The reported
SNR of 70.09 dBFs is only a slight reduction from the tested ADC-only performance of 70.42 dBFs, showing the
value of the interstage noise bandwidth limiting filter. The exceptionally low harmonic distortion for the THS4541
also shows up in the very low SFDR and THD shown in Figure 9-5. This 96-dB SFDR and 92.83-dB THD are
comparable to the ADC-only test results.
9.2.2.3 Application Curve
Frequency (MHz)
0
5
10
15
20
25
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D066
SNR = 70.1 dBFS
SFDR = 96 dBFS
THD = 92.83 dBFS
ENOB = 11.35 bits
Figure 9-5. 5-MHz FFT, 50-MSPS Test for the Gain of 2 Interface in Figure 9-4
www.ti.com
THS4541
SLOS375B – AUGUST 2014 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: THS4541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com